Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSEV01S01C05 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # TSEV01S01C05
Description  Contact less Temperature Measurement
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TSEV01S01C05 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  TSEV01S01C05 Datasheet HTML 1Page - TE Connectivity Ltd TSEV01S01C05 Datasheet HTML 2Page - TE Connectivity Ltd TSEV01S01C05 Datasheet HTML 3Page - TE Connectivity Ltd TSEV01S01C05 Datasheet HTML 4Page - TE Connectivity Ltd TSEV01S01C05 Datasheet HTML 5Page - TE Connectivity Ltd TSEV01S01C05 Datasheet HTML 6Page - TE Connectivity Ltd TSEV01S01C05 Datasheet HTML 7Page - TE Connectivity Ltd TSEV01S01C05 Datasheet HTML 8Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TSEV01S01C05
SENSOR SOLUTIONS ///TSEV01S01C05
9/2015
Page 5
BLOCK DIAGRAM
Thermopile
MCU
(Signal Processing,
Signal Compensation)
SPI
Interface
EEPROM
INTERFACE
PARAMETER
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Baudrate
FSPI
10
100
kHz
Data Bits
8
Chip Select
Yes
Input Voltage Low
0.9
V
Input Voltage High
Vcc = 3.3V
2.1
V
Output Voltage Low
1mA
0.3
V
Output Voltage High
Vcc = 3.3V, 1mA
3.0
V
SIGNAL DESCRIPTION
SCE (Chip Select)
0 = Enable, 1 = Disable
CKP
0
CKE
1


Similar Part No. - TSEV01S01C05

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TSEV01S01C10 TEC-TSEV01S01C10 Datasheet
254Kb / 8P
   Contact less Temperature Measurement
TSEV01S01C90 TEC-TSEV01S01C90 Datasheet
294Kb / 8P
   Contact less Temperature Measurement
More results

Similar Description - TSEV01S01C05

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TSEV01S01C90 TEC-TSEV01S01C90 Datasheet
294Kb / 8P
   Contact less Temperature Measurement
TSEV0108L39 TEC-TSEV0108L39 Datasheet
295Kb / 9P
   Contact less Temperature Measurement
TSEV01S01C10 TEC-TSEV01S01C10 Datasheet
254Kb / 8P
   Contact less Temperature Measurement
logo
EPCOS
B57885S0212 EPCOS-B57885S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57861S0202 EPCOS-B57861S0202 Datasheet
61Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-516-LI2UPN8X-H1141 TURCK-TS-516-LI2UPN8X-H1141 Datasheet
223Kb / 3P
   Temperature measurement
TTM-103A-G18-LIUPN-H1140 TURCK-TTM-103A-G18-LIUPN-H1140 Datasheet
158Kb / 2P
   Temperature measurement
TTM-206A-CF-LIUPN-H1140 TURCK-TTM-206A-CF-LIUPN-H1140 Datasheet
159Kb / 2P
   Temperature measurement
logo
EPCOS
B57891S0222 EPCOS-B57891S0222 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
   Temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com