Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NI1000SOT Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # NI1000SOT
Description  Contact temperature sensing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

NI1000SOT Datasheet(HTML) 4 Page - TE Connectivity Ltd

  NI1000SOT Datasheet HTML 1Page - TE Connectivity Ltd NI1000SOT Datasheet HTML 2Page - TE Connectivity Ltd NI1000SOT Datasheet HTML 3Page - TE Connectivity Ltd NI1000SOT Datasheet HTML 4Page - TE Connectivity Ltd NI1000SOT Datasheet HTML 5Page - TE Connectivity Ltd NI1000SOT Datasheet HTML 6Page - TE Connectivity Ltd NI1000SOT Datasheet HTML 7Page - TE Connectivity Ltd NI1000SOT Datasheet HTML 8Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ni1000SOT
Temperature Sensor
SENSOR SOLUTIONS ///Ni1000SOT
10/2015
Page 4
ELECTRICAL CHARACTERISTIC
The characteristic of the nickel temperature sensor is specified as per DIN 43760. The large Temperature
Coefficient of Resistance (TCR) of the Ni-RTD, 6178
ppm/K, offers greater sensitivity than other types of RTD’s.
The electrical characteristic can be described by the following equation:
R(T) = R0 (1+aT+bT2+cT4+dT6)
Coefficients:
a =
5.485 x 10-3
b =
6.650 x 10-6
c =
2.805 x 10-11
d =
-2.000 x 10-17
T(R) = a´+b´(1+c´R)½ +d´R5+e´R7
dT < 0.12 K (higher order equations on request)
Coefficients:
a´= - 412.6
b´= 140.41
c´= 0.00764
d´= - 6.25 x 10-17
e´= -1.25 x 10-24
Tolerances:
Class B
(0.4+0.007 x |T|)
in range from 0oC to +160 °C
(0.4+0.028 x |T|)
in range from -55oC to 0 °C
T/°C
0
1
2
3
4
5
6
7
8
9
-60
695.2
699.9
704.6
709.3
714.0
718.7
723.4
728.2
733.0
737.8
-50
742.6
747.4
752.2
757.0
761.9
766.8
771.6
776.5
781.4
786.4
-40
791.3
796.3
801.2
806.2
811.2
816.2
821.2
826.3
831.3
836.4
-30
841.5
846.5
851.7
856.8
861.9
867.0
872.2
877.4
882.6
887.8
-20
893.0
898.2
903.4
908.7
913.9
919.2
924.5
929.8
935.1
940.5
-10
945.8
951.2
956.5
961.9
967.3
972.7
978.2
983.6
989.1
994.5
0
1000.0
1005.5
1011.0
1016.5
1022.0
1027.6
1033.1
1038.7
1044.3
1049.9
10
1055.5
1061.1
1066.8
1072.4
1078.1
1083.8
1089.5
1095.2
1100.9
1106.6
20
1112.4
1118.1
1123.9
1129.7
1135.5
1141.3
1147.1
1153.0
1158.8
1164.7
30
1170.6
1176.5
1182.4
1188.3
1194.2
1200.2
1206.1
1212.1
1218.1
1224.1
40
1230.1
1236.1
1242.2
1248.2
1254.3
1260.4
1266.5
1272.6
1278.8
1284.9
50
1291.1
1297.2
1303.4
1309.6
1315.8
1322.0
1328.3
1334.5
1340.8
1347.1
60
1353.4
1359.7
1366.0
1372.4
1378.7
1385.1
1391.5
1397.9
1404.3
1410.8
70
1417.2
1423.7
1430.1
1436.6
1443.1
1449.7
1456.2
1462.8
1469.3
1475.9
80
1482.5
1489.1
1495.7
1502.4
1509.1
1515.7
1522.4
1529.1
1535.9
1542.6
90
1549.3
1556.1
1562.9
1569.7
1576.5
1583.4
1590.2
1597.1
1604.0
1610.9
100
1617.8
1624.7
1631.7
1638.6
1645.6
1652.6
1659.6
1666.7
1673.7
1680.8
110
1687.9
1695.0
1702.1
1709.3
1716.4
1723.6
1730.8
1738.0
1745.2
1752.5
120
1759.7
1767.0
1774.3
1781.6
1788.9
1796.3
1803.7
1811.1
1818.5
1825.9
130
1833.3
1840.8
1848.3
1855.8
1863.3
1870.9
1878.4
1886.0
1893.6
1901.2
140
1908.9
1916.5
1924.2
1931.9
1939.6
1947.4
1955.1
1962.9
1970.7
1978.5
150
1986.3
1994.2
2002.1
2010.0
2017.9
2025.9
2033.8
2041.8
2049.8
2057.8
160
2065.9
2074.0
2082.1
2090.2
2098.3
2106.5
2114.6
2122.8
2131.1
2139.3


Similar Part No. - NI1000SOT

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
NI100-Q160-AP44X/S120 TURCK-NI100-Q160-AP44X/S120 Datasheet
236Kb / 3P
   Inductive Sensor – With Increased Temperature Range
11/07/2023
NI100R-S32XL-VP44X-H1141 TURCK-NI100R-S32XL-VP44X-H1141 Datasheet
256Kb / 3P
   Inductive Sensor – Ring Sensor
11/07/2023
NI100U-K90SR-VP4X2 TURCK-NI100U-K90SR-VP4X2 Datasheet
357Kb / 3P
   Inductive Sensor – With Extended Switching Distance
11/07/2023
NI100U-K90SR-VP4X2-B1141 TURCK-NI100U-K90SR-VP4X2-B1141 Datasheet
341Kb / 3P
   Inductive Sensor – With Extended Switching Distance
11/07/2023
NI100U-K90SR-VP4X2-H1141 TURCK-NI100U-K90SR-VP4X2-H1141 Datasheet
337Kb / 3P
   Inductive Sensor – With Extended Switching Distance
11/07/2023
More results

Similar Description - NI1000SOT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HTS-206 ETC1-HTS-206 Datasheet
23Kb / 1P
   TEMPERATURE SENSING CRYSTAL
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Epson ToYoCom
HTS-206 EPSONTOYOCOM-HTS-206 Datasheet
336Kb / 2P
   SENSOR TEMPERATURE SENSING CRYSTAL
logo
Tyco Electronics
1624338-2 MACOM-1624338-2 Datasheet
111Kb / 1P
   Temperature Sensing Chip Resistor
logo
Epson Company
HTS-206 EPSON-HTS-206 Datasheet
363Kb / 2P
   SENSOR TEMPERATURE SENSING CRYSTAL
logo
Vishay Siliconix
SIDB766761 VISHAY-SIDB766761 Datasheet
160Kb / 5P
   Temperature Sensing MOSFET Evaluation Board
18-Mar-04
logo
Advanced XTAL Products
RKT206 AXTAL-RKT206 Datasheet
165Kb / 1P
   TEMPERATURE SENSING QUARTZ CRYSTAL RESONATOR
logo
Cynergy3 Co
TSF80 CYNERGY3-TSF80 Datasheet
244Kb / 1P
   NPT External Mount with Temperature Sensing
logo
Advanced XTAL Products
RKTV206 AXTAL-RKTV206 Datasheet
167Kb / 1P
   HIGH-TEMPERATURE SENSING QUARTZ CRYSTAL RESONATORS
logo
ON Semiconductor
SPSXT001PCB ONSEMI-SPSXT001PCB Datasheet
100Kb / 5P
   Smart Passive Sensor for Temperature Sensing
March, 2019 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com