Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1725606-1 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 1725606-1
Description  Read these instructions thoroughly before using the seating tool kit.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1725606-1 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  1725606-1 Datasheet HTML 1Page - TE Connectivity Ltd 1725606-1 Datasheet HTML 2Page - TE Connectivity Ltd 1725606-1 Datasheet HTML 3Page - TE Connectivity Ltd 1725606-1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
408-10155
Rev C
2 of 4
3. REQUIREMENTS
3.1. PC Board Support Fixture (Customer Supplied)
A pc board support must be used to provide proper support for the pc board and to protect the pc board and
the connector and cage assembly from damage. The support fixture must be designed for specific needs using
the following recommendations:
it should be at least 25.4 mm [1 in.] longer and wider than the pc board
it should have flat surfaces with holes or a channel large enough and deep enough to receive any
protruding components of the product
3.2. Application Tool
Power for seating tools must be provided by an application tool (with a ram) capable of supplying a downward
force of 44.5 N [10 lb-force] per contact. For available application tools, call PRODUCT INFORMATION at the
number at the bottom of page 1.
CAUTION
Over-driving of the cage assembly will deform parts critical to the quality of the connection. Maximum force occurs prior to the
cage assembly bottoming on the pc board.
4. SETUP
When setting up equipment to seat the cage assembly, pay particular attention to the following:
the seating tool must be matched to the cage assembly
CAUTION
If the seating tool and cage assembly are mismatched or are improperly aligned, damage could occur to the tooling, cage
assembly, or both.
light pipes MUST NOT be assembled onto the cage assembly
the wall support must be properly installed, and the seating tool, cage assembly, and application tool ram
must be properly aligned before cycling the application tool
1. Set the tool seating height to the dimension shown in Figure 2 (application tool shut height will equal
the tool seating height PLUS the combined thicknesses of the pc board and support fixture).
After seating, a gap of no more than 0.10 mm [.004 in.] between the cage assembly standoffs and the
pc board is allowed.
NOTE
Use the tool seating height as a reference starting point. This height may need to be adjusted to obtain the amount allowed
(maximum of 0.10 mm [.004 in.]) between the standoffs of the cage assembly and the pc board.
2. Slide the wall support into the ports of the cage assembly until the wall support is secure.
5. SEATING (Figure 2)
NOTE
The connector must be mounted on the pc board BEFORE seating the cage assembly.
1. Place the pc board on the support fixture.
2. Orient the seating tool over the cage assembly so that the back is aligned with the back of the cage
assembly. Then lower the seating tool onto the cage assembly, making sure that the cutouts slide
over the protruding components of the cage assembly, until the seating tool bottoms on the top of the
cage assembly.
3. Place the cage assembly on the pc board so that the contacts and alignment posts are aligned and
started into the matching holes in the pc board.
4. Center the seating tool (with the cage assembly) under the ram of the application tool. Slowly lower
the ram until it just meets the seating tool. Verify alignment of pc board support, pc board, cage
assembly, and seating tool.


Similar Part No. - 1725606-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1725623 PHOENIX-1725623 Datasheet
141Kb / 5P
   PTDA 2,5/ 7-PH-5,0
1725636 PHOENIX-1725636 Datasheet
141Kb / 5P
   PTDA 2,5/ 8-PH-5,0
1725640 PHOENIX-1725640 Datasheet
141Kb / 5P
   PTDA 2,5/13-PH-5,0
1725649 PHOENIX-1725649 Datasheet
141Kb / 5P
   PTDA 2,5/ 9-PH-5,0
1725652 PHOENIX-1725652 Datasheet
140Kb / 5P
   PTDA 2,5/10-PH-5,0
More results

Similar Description - 1725606-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-9913 MACOM-408-9913 Datasheet
149Kb / 3P
   Read these instructions thoroughly before using the seating tool.
logo
TE Connectivity Ltd
408-8678 TEC-408-8678 Datasheet
333Kb / 6P
   Read these instructions thoroughly before using the tool assembly.
logo
Tyco Electronics
408-8810 MACOM-408-8810 Datasheet
208Kb / 3P
   Read and understand these instructions before using the seating tool.
logo
TE Connectivity Ltd
408-4546 TEC-408-4546 Datasheet
99Kb / 3P
   Read these instructions and understand them before using the seating tool.
408-8500 TEC-408-8500 Datasheet
293Kb / 4P
   Read these instructions and understand them before using the seating tool.
408-8465 TEC-408-8465 Datasheet
147Kb / 3P
   Read these instructions and understand them before using the seating tool.
408-8501 TEC-408-8501 Datasheet
186Kb / 4P
   Read these instructions and understand them before using the seating tool.
408-9916 TEC-408-9916 Datasheet
82Kb / 3P
   Read these instructions and understand them before using the seating tool.
logo
Tyco Electronics
408-8646 MACOM-408-8646 Datasheet
111Kb / 2P
   Read these instructions before using the extraction tool.
408-9450 MACOM-408-9450 Datasheet
255Kb / 5P
   Read these and all referenced instructions thoroughly before using the head.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com