Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRTSV20H100CTG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NRTSV20H100CTG
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRTSV20H100CTG Datasheet(HTML) 3 Page - ON Semiconductor

  NRTSV20H100CTG Datasheet HTML 1Page - ON Semiconductor NRTSV20H100CTG Datasheet HTML 2Page - ON Semiconductor NRTSV20H100CTG Datasheet HTML 3Page - ON Semiconductor NRTSV20H100CTG Datasheet HTML 4Page - ON Semiconductor NRTSV20H100CTG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NRTSV20H100CT
www.onsemi.com
3
TYPICAL CHARACTERISTICS
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
TJ = 25°C
TJ = 85°C
TJ = 125°C
TJ = 150°C
TJ = 125°C
TJ = 150°C
TJ = 85°C
TJ = 25°C
TJ = −55°C
TJ = −55°C
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
10
20
30
40
50
60
70
80
90
100
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
10
20
30
40
50
60
70
80
90
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VF, INSTANTANEOUS REVERSE VOLTAGE (V)
VF, INSTANTANEOUS REVERSE VOLTAGE (V)
TJ = 25°C
TJ = 85°C
TJ = 125°C
TJ = 150°C
TJ = 125°C
TJ = 150°C
TJ = 85°C
TJ = 25°C
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
120
140
10
100
1,000
0.1
1
10
100
Figure 5. Typical Junction Capacitance
Figure 6. Current Derating per Leg
VR, REVERSE VOLTAGE (V)
TC, CASE TEMPERATURE (°C)
Square Wave
dc
RqJC = 2.2°C/W
TJ = 25°C


Similar Part No. - NRTSV20H100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRTSV30H120CT ONSEMI-NRTSV30H120CT Datasheet
60Kb / 5P
   Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 1
NRTSV30H120CTG ONSEMI-NRTSV30H120CTG Datasheet
60Kb / 5P
   Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 1
More results

Similar Description - NRTSV20H100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
NTSJ30U80CTG ONSEMI-NTSJ30U80CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTST40120CT ONSEMI-NTST40120CT Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com