Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRF30L60CTG Datasheet(PDF) 7 Page - ON Semiconductor

Part # MBRF30L60CTG
Description  Switch-mode Power Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF30L60CTG Datasheet(HTML) 7 Page - ON Semiconductor

  MBRF30L60CTG Datasheet HTML 1Page - ON Semiconductor MBRF30L60CTG Datasheet HTML 2Page - ON Semiconductor MBRF30L60CTG Datasheet HTML 3Page - ON Semiconductor MBRF30L60CTG Datasheet HTML 4Page - ON Semiconductor MBRF30L60CTG Datasheet HTML 5Page - ON Semiconductor MBRF30L60CTG Datasheet HTML 6Page - ON Semiconductor MBRF30L60CTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MBR30L60CTG, MBRF30L60CTG
www.onsemi.com
7
PACKAGE DIMENSIONS
TO−220 FULLPACK, 3−LEAD
CASE 221AH
ISSUE F
DIM
MIN
MAX
MILLIMETERS
D
14.70
15.30
E
9.70
10.30
A
4.30
4.70
b
0.54
0.84
P
3.00
3.40
e
L1
---
2.80
c
0.49
0.79
L
12.50
14.73
b2
1.10
1.40
Q
2.80
3.20
A2
2.50
2.90
A1
2.50
2.90
H1
6.60
7.10
E
Q
L1
b2
e
D
L
P
12 3
b
SEATING
PLANE
A
A1
H1
A2
c
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. CONTOUR UNCONTROLLED IN THIS AREA.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH AND GATE
PROTRUSIONS. MOLD FLASH AND GATE PROTRUSIONS NOT TO
EXCEED 0.13 PER SIDE. THESE DIMENSIONS ARE TO BE
MEASURED AT OUTERMOST EXTREME OF THE PLASTIC BODY.
5. DIMENSION b2 DOES NOT INCLUDE DAMBAR PROTRUSION.
LEAD WIDTH INCLUDING PROTRUSION SHALL NOT EXCEED 2.00.
6. CONTOURS AND FEATURES OF THE MOLDED PACKAGE BODY
MAY VARY WITHIN THE ENVELOP DEFINED BY DIMENSIONS A1
AND H1 FOR MANUFACTURING PURPOSES.
2.54 BSC
M
0.14
M
A
A
B
C
E/2
M
0.25
M
A
B
3X
C
3X
B
NOTE 3
FRONT VIEW
SIDE VIEW
SECTION D−D
ALTERNATE CONSTRUCTION
SECTION A−A
A
NOTE 6
A
DD
NOTE 6
H1
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
MBRF30L60CT/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
FULLPAK is a trademark of Semiconductor Components Industries, LLC.


Similar Part No. - MBRF30L60CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF30L60CTG ONSEMI-MBRF30L60CTG Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
More results

Similar Description - MBRF30L60CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1620CTRG ONSEMI-MUR1620CTRG Datasheet
78Kb / 6P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 9
MBR4015CTLG ONSEMI-MBR4015CTLG Datasheet
84Kb / 4P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 7
MBR40L45CTG ONSEMI-MBR40L45CTG_15 Datasheet
100Kb / 6P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT Datasheet
55Kb / 3P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 6
MBR30L45CTG ONSEMI-MBR30L45CTG_16 Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBR20H100CTG ONSEMI-MBR20H100CTG Datasheet
122Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 12
MBR6045WTG ONSEMI-MBR6045WTG Datasheet
57Kb / 3P
   Switch Mode Power Rectifier
July, 2014 ??Rev. 10
MBRP400100CTL ONSEMI-MBRP400100CTL Datasheet
117Kb / 3P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 6
MUR550APFG ONSEMI-MUR550APFG Datasheet
351Kb / 13P
   Switch-mode Power Rectifier
August, 2020 - Rev. 11
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com