Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR10L60CTG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR10L60CTG
Description  Switch.mode Power Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR10L60CTG Datasheet(HTML) 3 Page - ON Semiconductor

  MBR10L60CTG Datasheet HTML 1Page - ON Semiconductor MBR10L60CTG Datasheet HTML 2Page - ON Semiconductor MBR10L60CTG Datasheet HTML 3Page - ON Semiconductor MBR10L60CTG Datasheet HTML 4Page - ON Semiconductor MBR10L60CTG Datasheet HTML 5Page - ON Semiconductor MBR10L60CTG Datasheet HTML 6Page - ON Semiconductor MBR10L60CTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MBR10L60CTG, MBRF10L60CTG
www.onsemi.com
3
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 1. Typical Forward Voltage
150
°C
125
°C
TJ = 25°C
85
°C
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 2. Maximum Forward Voltage
125
°C
150
°C
85
°C
TJ = 25°C
1.0E−06
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
0
1020
304050
60
VR, REVERSE VOLTAGE (V)
Figure 3. Typical Reverse Current
150
°C
125
°C
TJ = 25°C
85
°C
1.0E−06
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
0
1020
304050
60
VR, REVERSE VOLTAGE (V)
Figure 4. Maximum Reverse Current
TJ = 25°C
85
°C
125
°C
150
°C
0
1
2
3
4
5
6
7
8
9
10
110
115
120 125 130 135 140 145 150 155 160
dc
SQUARE WAVE
RqJC = 2.8°C/W
TC, CASE TEMPERATURE (°C)
Figure 5. Current Derating, Case per Leg
MBR10L60CT
0
1
2
3
4
5
6
0
20
40
60
80
100
120
140 160
RqJA = 70°C/W
TA, AMBIENT TEMPERATURE (°C)
Figure 6. Current Derating, Ambient per Leg
MBR10L60CT
dc
SQUARE WAVE


Similar Part No. - MBR10L60CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR10L60CTG ONSEMI-MBR10L60CTG Datasheet
143Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 10 A
December, 2008 ??Rev. 0
More results

Similar Description - MBR10L60CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BYV32-200 ONSEMI-BYV32-200_14 Datasheet
97Kb / 5P
   Switch.mode Power Rectifier
November, 2014 ??Rev. 5
MBRJ20H100CTG ONSEMI-MBRJ20H100CTG Datasheet
106Kb / 6P
   Power Rectifier
November, 2012 ??Rev. 1
MURHS160T3G ONSEMI-MURHS160T3G_12 Datasheet
133Kb / 5P
   Power Rectifier
January, 2012 ??Rev. 3
MBRJ20L60CTG ONSEMI-MBRJ20L60CTG Datasheet
110Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
MURHB860CT ONSEMI-MURHB860CT_11 Datasheet
120Kb / 4P
   Power Rectifier
August, 2011 ??Rev. 3
MBRJ20H150CTG ONSEMI-MBRJ20H150CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
MBRJ10H150CTG ONSEMI-MBRJ10H150CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P1
MBRJ20L45CTG ONSEMI-MBRJ20L45CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
SURHD8560W1T4G ONSEMI-SURHD8560W1T4G Datasheet
134Kb / 5P
   Power Rectifier
January, 2012 ??Rev. 7
logo
Kwang Myoung I.S. CO.,L...
70HF KISEMICONDUCTOR-70HF Datasheet
649Kb / 7P
   POWER RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com