Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR10L60CTG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MBR10L60CTG
Description  Switch.mode Power Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR10L60CTG Datasheet(HTML) 6 Page - ON Semiconductor

  MBR10L60CTG Datasheet HTML 1Page - ON Semiconductor MBR10L60CTG Datasheet HTML 2Page - ON Semiconductor MBR10L60CTG Datasheet HTML 3Page - ON Semiconductor MBR10L60CTG Datasheet HTML 4Page - ON Semiconductor MBR10L60CTG Datasheet HTML 5Page - ON Semiconductor MBR10L60CTG Datasheet HTML 6Page - ON Semiconductor MBR10L60CTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MBR10L60CTG, MBRF10L60CTG
www.onsemi.com
6
PACKAGE DIMENSIONS
TO−220
CASE 221A−09
ISSUE AH
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.415
9.66
10.53
C
0.160
0.190
4.07
4.83
D
0.025
0.038
0.64
0.96
F
0.142
0.161
3.61
4.09
G
0.095
0.105
2.42
2.66
H
0.110
0.161
2.80
4.10
J
0.014
0.024
0.36
0.61
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
---
1.15
---
Z
---
0.080
---
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J
STYLE 6:
PIN 1. ANODE
2. CATHODE
3. ANODE
4. CATHODE


Similar Part No. - MBR10L60CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR10L60CTG ONSEMI-MBR10L60CTG Datasheet
143Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 10 A
December, 2008 ??Rev. 0
More results

Similar Description - MBR10L60CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BYV32-200 ONSEMI-BYV32-200_14 Datasheet
97Kb / 5P
   Switch.mode Power Rectifier
November, 2014 ??Rev. 5
MBRJ20H100CTG ONSEMI-MBRJ20H100CTG Datasheet
106Kb / 6P
   Power Rectifier
November, 2012 ??Rev. 1
MURHS160T3G ONSEMI-MURHS160T3G_12 Datasheet
133Kb / 5P
   Power Rectifier
January, 2012 ??Rev. 3
MBRJ20L60CTG ONSEMI-MBRJ20L60CTG Datasheet
110Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
MURHB860CT ONSEMI-MURHB860CT_11 Datasheet
120Kb / 4P
   Power Rectifier
August, 2011 ??Rev. 3
MBRJ20H150CTG ONSEMI-MBRJ20H150CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
MBRJ10H150CTG ONSEMI-MBRJ10H150CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P1
MBRJ20L45CTG ONSEMI-MBRJ20L45CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
SURHD8560W1T4G ONSEMI-SURHD8560W1T4G Datasheet
134Kb / 5P
   Power Rectifier
January, 2012 ??Rev. 7
logo
Kwang Myoung I.S. CO.,L...
70HF KISEMICONDUCTOR-70HF Datasheet
649Kb / 7P
   POWER RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com