Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71K170-C10S3 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 71K170-C10S3
Description  Calibration Load
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

71K170-C10S3 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  71K170-C10S3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 71K170-C10S3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 71K170-C10S3 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
BNC
75
Calibration Load
Jack
71K170-C10S3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-1499
Email : info@rosenberger.de
Page
2 / 3
Electrical data
Frequency range
DC to 4 GHz
Return loss
≥ 35 dB, DC to 2 GHz
≥ 30 dB, 2 GHz to 4 GHz
Power handling
≤ 0.5 W
Mechanical data
Mating cycles
≥ 500
Gauge
5.21 mm to 5.28 mm
General standard definitions
For proper operation the vector network analyzer (VNA) needs a model describing the electrical behaviour
of this calibration standard. The different models, units, and terms used will depend on the VNA type and they
will have to be entered into the VNA. All values are based on typical geometry and plating.
Offset Zo / Impedance / Zo
75
Offset Delay
0.0000 ps
Length (electrical) / Offset Length
0.000 mm
Offset Loss
0.00 G
Ω/s
Loss
0.0000 dB/ GHz
Environmental data
Operating temperature range
1
+20 °C to +26 °C
Rated temperature range of use
2
0 °C to +50 °C
Storage temperature range
-40 °C to +85 °C
RoHS
compliant
1
Temperature range over which these specifications are valid.
2
This range is underneath and above the operating temperature range, within the open circuit is fully functional
and could be used without damage.


Similar Part No. - 71K170-C10S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
71K170-C10S3 ROSENBERGER-71K170-C10S3 Datasheet
646Kb / 3P
   Calibration Kit
More results

Similar Description - 71K170-C10S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
08K150-C10S3 ROSENBERGER-08K150-C10S3 Datasheet
551Kb / 3P
   Calibration Load
51S170-C10S3 ROSENBERGER-51S170-C10S3 Datasheet
136Kb / 3P
   Calibration Load
74K150-C10S3 ROSENBERGER-74K150-C10S3 Datasheet
127Kb / 3P
   Calibration Load
08S150-C10S3 ROSENBERGER-08S150-C10S3 Datasheet
556Kb / 3P
   Calibration Load
18S150-C10D3 ROSENBERGER-18S150-C10D3 Datasheet
546Kb / 3P
   Calibration Load
18K150-C10D3 ROSENBERGER-18K150-C10D3 Datasheet
548Kb / 3P
   Calibration Load
09K150-C10S3 ROSENBERGER-09K150-C10S3 Datasheet
552Kb / 3P
   Calibration Load
02K150-C10S3 ROSENBERGER-02K150-C10S3 Datasheet
127Kb / 3P
   Calibration Load
74S150-C10S3 ROSENBERGER-74S150-C10S3 Datasheet
82Kb / 3P
   Calibration Load Plug
71S170-C10S3 ROSENBERGER-71S170-C10S3 Datasheet
132Kb / 3P
   Calibration Load Plug
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com