Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPH4805S Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPH4805S
Description  2W Isolated Single & Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPH4805S Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPH4805S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPH4805S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPH4805S Datasheet HTML 3Page - Toppower Electronic Technology Limited TPH4805S Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPH Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page3 /4
All dimensions in mm ±0.25mm. All pins on a 2.54 mm pitch and within ±0.25mm of true position.
Weight: 2.85g (DIP)
2.76g (SIP)
* Pin not fitted on single output variants.
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300
Internal power dissipation
300mW
Input voltage Vin, TPH05
7V
Input voltage Vin, TPH12
15V
Input voltage Vin, TPH24
28V
Input voltage Vin, TPH48
54V
TEMPER ATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output
-40
85
Storage
-50
130
Case Temperature above
5V output
33
Case Temperature above
12V output
27
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
MECHANICAL DIMENSIONS
PIN CONNECTIONS-14PIN DIP
Pin
Function
1
-Vin
7
NC
8
OV
9
+Vout
11
-Vout
14
+Vin
PIN CONNECTIONS-7PIN SIP
Pin
Function
1
+Vin
2
-Vin
4
-Vout
5
OV
6
+Vout
All specifications typical at TA=25
℃, nominal input voltage and rated output current unless otherwise
Typical Load
Line
10
25
50
75
100
-7.5%
+2.5%
-2.5%
NOM
V
+5%
+10%
Output Load Current(%)
Safe Operating Area
85° C
Ambient Temperature(° C)
150
100
50
0
-40
0
1.0
2.0
3.0
DIP Package
SIP Package
2.00
12.70
2.54
YYWW
TPH0505S
19.50
0.55
0.45
TPH0505D
YYWW
19.50
4.60
3.60
2.54
7.62
2.13
15.24
1.09
0.30
0.20
0.55
0.45
1
7
8
9
11
14
1
2
4
5
6
9.80
7.70
7.50
10.00
0.55
0.45
4.60
3.60
0.30
0.20
1.25
bottom view
bottom view
TOPPOWER
TOPPOWER


Similar Part No. - TPH4805S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPH4805S TOPPOWER-TPH4805S Datasheet
651Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPH4805S TOPPOWER-TPH4805S Datasheet
732Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPH4805S-3W TOPPOWER-TPH4805S-3W Datasheet
834Kb / 4P
   3W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPH4805S

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
TPL-3KVDC TOPPOWER-TPL-3KVDC Datasheet
169Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com