Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA1206FR-079K76 Datasheet(PDF) 8 Page - YAGEO Corporation

Part # AA1206FR-079K76
Description  ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AA1206FR-079K76 Datasheet(HTML) 8 Page - YAGEO Corporation

Back Button AA1206FR-079K76 Datasheet HTML 2Page - YAGEO Corporation AA1206FR-079K76 Datasheet HTML 3Page - YAGEO Corporation AA1206FR-079K76 Datasheet HTML 4Page - YAGEO Corporation AA1206FR-079K76 Datasheet HTML 5Page - YAGEO Corporation AA1206FR-079K76 Datasheet HTML 6Page - YAGEO Corporation AA1206FR-079K76 Datasheet HTML 7Page - YAGEO Corporation AA1206FR-079K76 Datasheet HTML 8Page - YAGEO Corporation AA1206FR-079K76 Datasheet HTML 9Page - YAGEO Corporation AA1206FR-079K76 Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 08 2015 V.3
Product specification
8
10
SERIES
AA
0201 to 2512
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Solderability
- Wetting
AEC-Q200 Test 18
J-STD-002
Electrical Test not required Magnification 50X
SMD conditions:
(a) Method B, aging 4 hours at 155 °C dry heat,
dipping at 235± 3 °C for 5± 0.5 seconds.
(b) Method B, steam aging 8 hours, dipping at
215± 3 °C for 5± 0.5 seconds.
(c) Method D, steam aging 8 hours, dipping at
260± 3 °C for 7± 0.5 seconds.
Well tinned (≥95% covered)
No visible damage
Board Flex
AEC-Q200 Test 21
AEC-Q200-005
Chips mounted on a 90mm glass epoxy resin
PCB (FR4)
Bending for 0201/0402: 5 mm
0603/0805: 3 mm
1206 and above: 2 mm
Holding time: minimum 60 seconds
± (1.0%+0.05Ω )
<50 mΩ for Jumper
Temperature
Coefficient of
Resistance (T.C.R.)
IEC 60115-1 4.8
MIL-STD-202 Method 304
At +25/–55 °C and +25/+125 °C
Refer to table 2
Formula:
T.C.R= ------------------------- × 106 (ppm/°C)
Where
t1=+25 °C or specified room temperature
t2=–55 °C or +125 °C test temperature
R1=resistance at reference temperature in ohms
R2=resistance at test temperature in ohms
Short Time
Overload
IEC60115-1 4.13
2.5 times of rated voltage or maximum
overload voltage whichever is less for 5 sec
at room temperature
± (1.0%+0.05Ω )
<50 mΩ for Jumper
FOS
ASTM-B-809-95
- Sulfur (saturated vapor) 1000 hours,
90±2 °C unpowered
± (1.0%+0.05Ω)
ASTM-B-809-95*
*Modified
- Sulfur 750 hours, 105 °C. unpowered
±(4.0%+0.05Ω)
R2–R1
R1(t2–t1)


Similar Part No. - AA1206FR-079K76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA1206FR-079K76L YAGEO-AA1206FR-079K76L Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AA1206FR-079K76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF0201DR-071R YAGEO-AF0201DR-071R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com