Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8726EUE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8726EUE
Description  Triple-Output TFT-LCD DC-DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8726EUE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8726EUE Datasheet HTML 3Page - Maxim Integrated Products MAX8726EUE Datasheet HTML 4Page - Maxim Integrated Products MAX8726EUE Datasheet HTML 5Page - Maxim Integrated Products MAX8726EUE Datasheet HTML 6Page - Maxim Integrated Products MAX8726EUE Datasheet HTML 7Page - Maxim Integrated Products MAX8726EUE Datasheet HTML 8Page - Maxim Integrated Products MAX8726EUE Datasheet HTML 9Page - Maxim Integrated Products MAX8726EUE Datasheet HTML 10Page - Maxim Integrated Products MAX8726EUE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Triple-Output TFT-LCD
DC-DC Converters
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(Circuit of Figure 5, VIN = 3.3V, TA = +25°C, unless otherwise noted.)
Pin Description
VMAIN
5V/div
2V
10V
0
ILX
500mA/div
MAIN BOOST STARTUP WAVEFORM
MAX1748/8726 toc16
1ms/div
RMAIN = 1k
Ω, VMAIN = 10V
VSHDN
2V/div
0
0
VMAIN
5V/div
2V
10V
0
ILX
500mA/div
MAIN BOOST STARTUP
WAVEFORM WITH LOAD
MAX1748/8726 toc17
1ms/div
VMAIN = 10V, RMAIN = 50
Ω (200mA)
VSHDN
2V/div
0
0
VMAIN
5V/div
VNEG
5V/div
VPOS
10V/div
MAX1748 POWER-UP SEQUENCING
MAX1748/8726 toc18
2ms/div
VMAIN = 10V, VNEG = -5V, VPOS = 15V
VSHDN
2V/div
PIN
NAME
FUNCTION
1
RDY
Active-Low, Open-Drain Output. Indicates all outputs are ready. The on-resistance is 125
Ω (typ).
2FB
Main Boost Regulator Feedback Input. Regulates to 1.248V nominal. Connect feedback resistive
divider to analog ground (GND).
3
INTG
Main Boost Integrator Output. If used, connect 470pF to analog ground (GND). To disable integrator,
connect to REF.
4IN
Supply Input. +2.7V to +5.5V input range. Bypass with a 0.1µF capacitor between IN and GND, as
close to the pins as possible.
5
GND
Analog Ground. Connect to power ground (PGND) underneath the IC.
6
REF
Internal Reference Bypass Terminal. Connect a 0.22µF capacitor from this terminal to analog ground
(GND). External load capability to 50µA.
7
FBP
Positive Charge-Pump Regulator Feedback Input. Regulates to 1.25V nominal. Connect feedback
resistive divider to analog ground (GND).
VMAIN
5V/div
VNEG
5V/div
VPOS
10V/div
MAX8726 POWER-UP SEQUENCING
MAX1748/8726 toc19
4ms/div
VMAIN = 10V, VNEG = -5V, VPOS = 15V
VSHDN
5V/div


Similar Part No. - MAX8726EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX872 MAXIM-MAX872 Datasheet
112Kb / 8P
   10關A, Low-Dropout, Precision Voltage References
Rev 2; 6/97
MAX872-MAX874 MAXIM-MAX872-MAX874 Datasheet
112Kb / 8P
   10關A, Low-Dropout, Precision Voltage References
Rev 2; 6/97
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
MAX8720EEI MAXIM-MAX8720EEI Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
MAX8720ETX MAXIM-MAX8720ETX Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
More results

Similar Description - MAX8726EUE

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2618 EUTECH-EUP2618 Datasheet
406Kb / 13P
   Triple Adjustable Output TFT-LCD DC-DC Converters
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
MAX1779 MAXIM-MAX1779 Datasheet
503Kb / 18P
   Low-Power Triple-Output TFT LCD DC-DC Converter
19-1795; Rev 0; 11/00
MAX1778 MAXIM-MAX1778 Datasheet
1Mb / 38P
   Quad-Output TFT LCD DC-DC Converters with Buffer
19-1979; Rev 0a; 3/01
MAX1778 MAXIM-MAX1778_12 Datasheet
824Kb / 39P
   Quad-Output TFT LCD DC-DC Converters with Buffer
Rev 2; 10/12
logo
Murata Manufacturing Co...
KDC_NMT MURATA-KDC_NMT Datasheet
153Kb / 4P
   Triple Output 3W DC/DC Converters
logo
Maxim Integrated Produc...
MAX1747 MAXIM-MAX1747 Datasheet
401Kb / 13P
   Triple Charge-Pump TFT LCD DC-DC Converter
Rev 0; 10/00
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118 Datasheet
757Kb / 18P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
logo
C&D Technologies
NMT CANDD-NMT Datasheet
143Kb / 2P
   Triple Output 3W DC-DC Converters
logo
Murata Manufacturing Co...
TWR30W MURATA-TWR30W Datasheet
175Kb / 5P
   30W, Triple Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com