Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3995ITLX-1.8 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3995ITLX-1.8
Description  Micropower 150mA CMOS Voltage Regulator with Active Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3995ITLX-1.8 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP3995ITLX-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP3995ITLX-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP3995ITLX-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP3995ITLX-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LP3995ITLX-1.8 Datasheet HTML 10Page - National Semiconductor (TI) LP3995ITLX-1.8 Datasheet HTML 11Page - National Semiconductor (TI) LP3995ITLX-1.8 Datasheet HTML 12Page - National Semiconductor (TI) LP3995ITLX-1.8 Datasheet HTML 13Page - National Semiconductor (TI) LP3995ITLX-1.8 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Typical Performance Characteristics Unless otherwise specified, C
IN =COUT = 1.0 µF Ceramic, VIN
=V
OUT + 1.0V, TA = 25˚C, Enable pin is tied to VIN. (Continued)
Enable Start-Up Time (V
OUT = 1.8V)
Enable Start-Up Time (V
OUT = 1.8V)
20034922
20034923
Turn-Off Time (V
OUT = 2.8V)
Turn-Off Time (V
OUT = 1.8V)
20034924
20034925
Load Transient Response (V
OUT = 2.8V)
Load Transient Response (V
OUT = 1.8V)
20034926
20034927
www.national.com
10


Similar Part No. - LP3995ITLX-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3995ITLX-1.8/NOPB TI1-LP3995ITLX-1.8/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
More results

Similar Description - LP3995ITLX-1.8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP3995 INTERSIL-LP3995 Datasheet
348Kb / 16P
   Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Texas Instruments
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
LP3995 TI-LP3995_15 Datasheet
1Mb / 28P
[Old version datasheet]   LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
logo
National Semiconductor ...
LP3992 NSC-LP3992 Datasheet
245Kb / 9P
   Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP3992 TI-LP3992_15 Datasheet
950Kb / 18P
[Old version datasheet]   LP3992 Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com