Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2085 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # M2085
Description  VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2085 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button M2085 Datasheet HTML 4Page - Integrated Circuit Systems M2085 Datasheet HTML 5Page - Integrated Circuit Systems M2085 Datasheet HTML 6Page - Integrated Circuit Systems M2085 Datasheet HTML 7Page - Integrated Circuit Systems M2085 Datasheet HTML 8Page - Integrated Circuit Systems M2085 Datasheet HTML 9Page - Integrated Circuit Systems M2085 Datasheet HTML 10Page - Integrated Circuit Systems M2085 Datasheet HTML 11Page - Integrated Circuit Systems M2085 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
M2080/81/82 M2085/86/87 Datasheet Rev 0.4
8 of 14
Revised 30Jul2004
I n te g r at ed Ci rcui t Systems , In c. ● N e tw o r ki ng & Co mmun ica t io ns ● ww w. icst.co m ● tel (5 08 ) 85 2-5 4 0 0
Integrated
Circuit
Systems, Inc.
M2080/81/82, M2085/86/87
VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
Preliminar y In f o r m atio n
Optional Hitless Switching and Phase Build-out
The M208x Series is available with a Hitless Switching
feature that is enabled during device manufacturing.
In addition, a Phase Build-out feature is also offered.
These features are offered as device options and are
specified by device order code. Refer to “Ordering
Information” on pg. 14.
The Hitless Switching feature (with or without Phase
Build-out) is designed for applications where switching
occurs between two stable system reference clocks. It
should not be used in loop timing applications, or when
reference clock jitter is greater than 1 ns pk-pk. The
Hitless Switching sequence is triggered by the LOL
circuit, which is activated by a 4 ns phase transient. This
magnitude of phase transient can generated by the
CDR (Clock & Data Recovery unit) in loop timing mode,
especially during a system jitter tolerance test. It can
also be generated by some types of Stratum clock
DPLLs (digital PLL), especially those that do not include
a post de-jitter APLL (analog PLL).
When the M208x Series is operating in wide bandwidth
mode (NBW=0), the optional Hitless Switching function
puts the device into narrow bandwidth mode when
during the Hitless Switching sequence. This allows the
PLL to lock the new input clock phase gradually. With
proper configuration of the external loop filter, the output
clock phase change complies with MTIE and TDEV
specifications for GR-253 (SONET) and ITU G.813
(SDH) during input reference clock changes.
The optional proprietary Phase Build-out (PBO)
function enables the PLL to absorb most of the phase
change of the input clock during reference switching.
The PBO function selects a new VCSO clock edge for
the PLL Phase Detector feedback clock, selecting the
edge closest in phase to the new input clock phase.
This reduces re-lock time, the generation of wander,
and extra output clock cycles.
The Hitless Switching and Phase Build-out functions
are triggered by the LOL circuit. For proper operation,
a low phase detector frequency must be avoided. See
“Guidelines for Using LOL” on pg. 6 for information
regarding the phase detector frequency.
HS/PBO Sequence Trigger Mechanism
The HS function (or the combined HS/PBO function)
is armed after the device locks to the input clock refer-
ence. Once armed, HS is triggered by the occurance of
a Loss of Lock condition. This would typically occur as a
consequence of a clock reference failure, a clock failure
upstream to the M208x Series, or a M208x Series clock
reference mux reselection.
HS/PBO Operation
Once triggered, the following HS/PBO sequence
occurs:
1. The HS function disables the PLL Phase Detector
and puts the device into NBW (narrow bandwidth)
mode. The internal resistor Rin is changed to
2100k
Ω. See the Narrow Bandwidth (NBW) Control
Pin on pg. 8.
2. If included, the PBO function adds to (builds out) the
phase in the clock feedback path (in VCSO clock
cycle increments) to align the feedback clock with
the (new) reference clock input phase.
3. The PLL Phase Detector is enabled, allowing the
PLL to re-lock.
4. Once the PLL Phase Detector feedback and input
clocks are locked to within 2 nsec for 8 consecutive
cycles, a timer (WBW timer) for resuming wide
bandwidth (in 175 nsec) is started.
5. When the WBW timer times out, the device reverts
to wide loop bandwidth mode (i.e., Rin is returned to
100k
Ω) and the HS/PBO function is re-armed.
The LOL pin will indicate lock status on a cycle-to-cycle
basis and may be intermittent until PLL phase lock has
fully stabilized.
Narrow Bandwidth (NBW) Control Pin
A Narrow Loop Bandwidth control pin (NBW pin) is
included to enable adjustment of the PLL loop
bandwidth. In wide bandwidth mode (NBW=0), the
internal resistor Rin is 100k
Ω. With the NBW pin
asserted (NBW=1), the internal resistor Rin is changed to
2100k
Ω. This lowers the loop bandwidth by a factor of
about 21 (2100 / 100) and lowers the damping factor by
about 4.6 (the square root of 21), assuming the same
external loop filter component values.


Similar Part No. - M2085

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M20 STMICROELECTRONICS-M20 Datasheet
186Kb / 17P
   Ultra-low Current 2.4V precision analog temperature sensor
logo
Dc Components
M20 DCCOM-M20 Datasheet
373Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Semtech Corporation
M20 SEMTECH-M20 Datasheet
108Kb / 3P
   RECTIFIER, up to 3kV, 330mA, 2關s
logo
Harwin Plc
M20-003 HARWIN-M20-003 Datasheet
41Kb / 1P
   LOOSE POLARISING PIN
logo
Micross Components
M20-015020-12 MICROSS-M20-015020-12 Datasheet
627Kb / 1P
   Tight Dimensional Pocket Tolerance
More results

Similar Description - M2085

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M1033 ICST-M1033 Datasheet
198Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1025 ICST-M1025 Datasheet
340Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1040 ICST-M1040 Datasheet
436Kb / 12P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
M2040 ICST-M2040 Datasheet
192Kb / 12P
   FREQUENCY TRANSLATION PLL WITH AUTOSWITCH
logo
MRV Communications, Inc...
DMR10GF MRV-DMR10GF Datasheet
866Kb / 4P
   SFP Multi-Rate Dual OTN/FEC Transponder
logo
Integrated Circuit Syst...
M2050 ICST-M2050 Datasheet
483Kb / 12P
   SAW PLL FOR 10GBE 64B/66B FEC
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
   VCSO BASED CLOCK PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com