Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP30DG24S03 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP30DG24S03
Description  30W Wide Voltage Input DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP30DG24S03 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP30DG24S03 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP30DG24S03 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP30DG24S03 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP30DG24S03 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP30DG Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 1 /4
DESCRIPTION
The rated output power of TP30DG converters is 30W,the outline dimensions is
50.8*50.8*11.2,2:1 and 4:1 wide input voltage range ,the voltage range is
9V-18V,18V-36V,36V-72V,9V-36V and 18V-72VDC.The accuracy of the converter can reach
±1%,It can be widely used in telecommunications ,railway transportation, instrument and etc.
30W Wide Voltage Input DC/DC Converters
FEATURES
30W output power
2:1 and 4:1 wide input voltage range
Long term short-circuit protection
50.8mm*50.8mm*11.2mm standard package
Over output voltage protection
Super capability with capacitive load
Fixed switching frequency
Operating temperature: -25℃to 55℃
Metal shielding package
Input under voltage protection
RoHs compliance
/
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency(Typ.)
%
voltage
(VDC)
Voltage
(VDC)
Current
(A)
Rated
Range values
TP30DG12S03
12(2:1)
9-18
3.3
6
85
TP30DG12S05
12(2:1)
9-18
5
6
83
TP30DG12S12
12(2:1)
9-18
12
2.5
86
TP30DG12S15
12(2:1)
9-18
15
2
86
TP30DG12S24
12(2:1)
9-18
24
1.25
85
TP30DG12D05
12(2:1)
9-18
±5
±3
83
TP30DG12D12
12(2:1)
9-18
±12
±1.25
86
TP30DG12D15
12(2:1)
9-18
±15
±1
86
TP30DG24S03
24(2:1)
18-36
3.3
6
85
TP30DG24S05
24(2:1)
18-36
5
6
84
TP30DG24S12
24(2:1)
18-36
12
2.5
87
TP30DG24S15
24(2:1)
18-36
15
2
87
TP30DG24S24
24(2:1)
18-36
24
1.25
86
TP30DG24D05
24(2:1)
18-36
±5
±3
83
TP30DG24D12
24(2:1)
18-36
±12
±1.25
86
TP30DG24D15
24(2:1)
18-36
±15
±1
86
TP30DG48S03
48(2:1)
36-72
3.3
6
85
TP30DG48S05
48(2:1)
36-72
5
6
84
TP30DG48S12
48(2:1)
36-72
12
2.5
87
TP30DG48S15
48(2:1)
36-72
15
2
87
TP30DG48S24
48(2:1)
36-72
24
1.25
86
TP30DG48D05
48(2:1)
36-72
±5
±3
83
TP30DG48D12
48(2:1)
36-72
±12
±1.25
86
TP30DG48D15
48(2:1)
36-72
±15
±1
86
TP30DG24S05W
24(4:1)
9-36
5
6
81
TP30DG24S12W
24(4:1)
9-36
12
2.5
85
TP30DG24S15W
24(4:1)
9-36
15
2
85
TP30DG24S24W
24(4:1)
9-36
24
1.25
85
TP30DG24D05W
24(4:1)
9-36
±5
±3
81
TP30DG24D12W
24(4:1)
9-36
±12
±1.25
84
TP30DG24D15W
24(4:1)
9-36
±15
±1
84
TP30DG48S05W
48(4:1)
18-72
5
6
81
TP30DG48S12W
48(4:1)
18-72
12
2.5
85
TP30DG48S15W
48(4:1)
18-72
15
2
85
TP30DG48S24W
48(4:1)
18-72
24
1.25
85
TP30DG48D05W
48(4:1)
18-72
±5
±3
81
TP30DG48D12W
48(4:1)
18-72
±12
±1.25
84
TP30DG48D15W
48(4:1)
18-72
±15
±1
84


Similar Part No. - TP30DG24S03

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP30DC24S05 TOPPOWER-TP30DC24S05 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP30DC24S05 TOPPOWER-TP30DC24S05 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP30DC24S05WB TOPPOWER-TP30DC24S05WB Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP30DC24S12 TOPPOWER-TP30DC24S12 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP30DC24S12 TOPPOWER-TP30DC24S12 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP30DG24S03

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC_18 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC_17 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP30AU TOPPOWER-TP30AU Datasheet
654Kb / 3P
   30W 3KVAC Isolation Wide Input AC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30_09 Datasheet
344Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-30W MURATA-MDC_UEI-30W Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
logo
Toppower Electronic Tec...
TP08DA TOPPOWER-TP08DA Datasheet
196Kb / 4P
   8W Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com