Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA1206JK-071K Datasheet(PDF) 2 Page - YAGEO Corporation

Part # AA1206JK-071K
Description  ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AA1206JK-071K Datasheet(HTML) 2 Page - YAGEO Corporation

  AA1206JK-071K Datasheet HTML 1Page - YAGEO Corporation AA1206JK-071K Datasheet HTML 2Page - YAGEO Corporation AA1206JK-071K Datasheet HTML 3Page - YAGEO Corporation AA1206JK-071K Datasheet HTML 4Page - YAGEO Corporation AA1206JK-071K Datasheet HTML 5Page - YAGEO Corporation AA1206JK-071K Datasheet HTML 6Page - YAGEO Corporation AA1206JK-071K Datasheet HTML 7Page - YAGEO Corporation AA1206JK-071K Datasheet HTML 8Page - YAGEO Corporation AA1206JK-071K Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 08 2015 V.3
Product specification
2
10
SERIES
AA
0201 to 2512
O
OR
RD
DE
ER
RIIN
NG
G IIN
NF
FO
OR
RM
MA
AT
TIIO
ON
N -- G
GL
LO
OB
BA
AL
L P
PA
AR
RT
T N
NU
UM
MB
BE
ER
R
Part number is identified by the series name, size, tolerance, packaging
type, temperature coefficient, taping reel and resistance value.
S
SC
CO
OP
PE
E
This specification describes AA0201
to AA2512 chip resistors with lead-
free terminations made by thick film
process.
A
AP
PP
PL
LIIC
CA
AT
TIIO
ON
NS
S
Car electronics
Engine control unit
Body control system
Safety devices
F
FE
EA
AT
TU
UR
RE
ES
S
Superior resistance against sulfur
containing atmosphere
AEC-Q200 qualified
Moisture sensitivity level: MSL1
AA series soldering is compliant
with J-STD-020D
Halogen free epoxy
RoHS compliant
Reduce environmentally
hazardous waste
High component and equipment
reliability
The resistors are 100% performed
by automatic optical inspection
ORDERING EXAMPLE
The ordering code for an AA0402 chip
resistor, value 100 KΩ with ±1%
tolerance, supplied in 7-inch tape reel is:
AA0402FR-07100KL
NOTE
1. All our R-Chip products are RoHS
compliant and Halogen free. "LFP" of the
internal 2D reel label states "Lead-Free
Process".
2. On customized label, "LFP" or specific
symbol can be printed.
Resistance rule of global part
number
Resistance coding
rule
Example
XRXX
(1 to 9.76 Ω)
1R = 1 Ω
1R5 = 1.5 Ω
9R76 = 9.76 Ω
XXRX
(10 to 97.6 Ω)
10R = 10 Ω
97R6 = 97.6 Ω
XXXR
(100 to 976 Ω)
100R = 100 Ω
976R = 976 Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000 Ω
9K76 = 9760 Ω
XMXX
(1 to 9.76 MΩ)
1M = 1,000,000 Ω
9M76= 9,760,000 Ω
XXMX
(10 MΩ)
10M = 10,000,000 Ω
GLOBAL PART NUMBER
AA XXXX X X X XX XXXX L
(1)
(2) (3) (4)
(5)
(6)
(7)
(1) SIZE
0201 / 0402 / 0603 / 0805 / 1206 / 1210 / 1218 / 2010 / 2512
(2) TOLERANCE
D =± 0.5%
F = ± 1%
J = ± 5% (for Jumper ordering, use code of J)
(3) PACKAGING TYPE
R = Paper/PE taping reel
K = Embossed taping reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Base on spec
(5) TAPING REEL
07 = 7 inch dia. Reel
13 = 13 inch dia. Reel
(6) RESISTANCE VALUE
1Ω to 10 MΩ
There are 2~4 digits indicated the resistance value. Letter R/K/M is decimal point, no
need to mention the last zero after R/K/M, e.g.1K2, not 1K20.
(7) DEFAULT CODE
Letter L is the system default code for ordering only. (Note)


Similar Part No. - AA1206JK-071K

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA1206JK-071KL YAGEO-AA1206JK-071KL Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AA1206JK-071K

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF0201DR-071R YAGEO-AF0201DR-071R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com