Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA0603JK-071K Datasheet(PDF) 7 Page - YAGEO Corporation

Part # AA0603JK-071K
Description  ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AA0603JK-071K Datasheet(HTML) 7 Page - YAGEO Corporation

Back Button AA0603JK-071K Datasheet HTML 2Page - YAGEO Corporation AA0603JK-071K Datasheet HTML 3Page - YAGEO Corporation AA0603JK-071K Datasheet HTML 4Page - YAGEO Corporation AA0603JK-071K Datasheet HTML 5Page - YAGEO Corporation AA0603JK-071K Datasheet HTML 6Page - YAGEO Corporation AA0603JK-071K Datasheet HTML 7Page - YAGEO Corporation AA0603JK-071K Datasheet HTML 8Page - YAGEO Corporation AA0603JK-071K Datasheet HTML 9Page - YAGEO Corporation AA0603JK-071K Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 08 2015 V.3
Product specification
7
10
SERIES
AA
0201 to 2512
T
TE
ES
ST
TS
S A
AN
ND
D R
RE
EQ
QU
UIIR
RE
EM
ME
EN
NT
TS
S
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
High Temperature
Exposure
AEC-Q200 Test 3
MIL-STD-202 Method 108
1,000 hours at TA = 155 °C, unpowered
± (1.0%+0.05Ω)
<50 mΩ for Jumper
Moisture
Resistance
AEC-Q200 Test 6
MIL-STD-202 Method 106
Each temperature / humidity cycle is defined at
8 hours (method 106F), 3 cycles / 24 hours for
10d. with 25 °C / 65 °C 95% R.H, without steps
7a & 7b, unpowered
Parts mounted on test-boards, without
condensation on parts
± (0.5%+0.05Ω) for D/F tol.
± (2.0%+0.05Ω) for J tol.
<100 mΩ for Jumper
Biased
Humidity
AEC-Q200 Test 7
MIL-STD-202 Method 103
1,000 hours; 85 °C / 85% RH
10% of operating power
Measurement at 24± 4 hours after test conclusion.
± (3.0%+0.05Ω)
<100 mΩ for Jumper
Operational Life
AEC-Q200 Test 8
MIL-STD-202 Method 108
1,000 hours at 125 °C, derated voltage applied for
1.5 hours on, 0.5 hour off, still-air required
± (1.0%+0.05Ω)
<100 mΩ for Jumper
Resistance to
Soldering Heat
AEC-Q200 Test 15
MIL-STD-202 Method 210
Condition B, no pre-heat of samples
Lead-free solder, 260± 5 °C, 10± 1 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
± (0.5%+0.05Ω) for D/F tol.
± (1.0%+0.05Ω) for J tol.
<50 mΩ for Jumper
No visible damage
Thermal Shock
AEC-Q200 Test 16
MIL-STD-202 Method 107
-55/+125 °C
Number of cycles is 300. Devices mounted
Maximum transfer time is 20 seconds.
Dwell time is 15 minutes. Air – Air
± (1.0%+0.05Ω)
<50 mΩ for Jumper
ESD
AEC-Q200 Test 17
AEC-Q200-002
1 pos. + 1 neg. discharges
0201: 500V
0402/0603: 1KV
0805 and above: 2KV
± (3.0%+0.05Ω)
<50 mΩ for Jumper
Table 4 Test condition, procedure and requirements


Similar Part No. - AA0603JK-071K

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA0603JK-071KL YAGEO-AA0603JK-071KL Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AA0603JK-071K

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF0201DR-071R YAGEO-AF0201DR-071R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com