Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1479ATE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1479ATE
Description  300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1479ATE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1479ATE Datasheet HTML 2Page - Maxim Integrated Products MAX1479ATE Datasheet HTML 3Page - Maxim Integrated Products MAX1479ATE Datasheet HTML 4Page - Maxim Integrated Products MAX1479ATE Datasheet HTML 5Page - Maxim Integrated Products MAX1479ATE Datasheet HTML 6Page - Maxim Integrated Products MAX1479ATE Datasheet HTML 7Page - Maxim Integrated Products MAX1479ATE Datasheet HTML 8Page - Maxim Integrated Products MAX1479ATE Datasheet HTML 9Page - Maxim Integrated Products MAX1479ATE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
300MHz to 450MHz Low-Power,
Crystal-Based +10dBm ASK/FSK Transmitter
6
_______________________________________________________________________________________
Detailed Description
The MAX1479 is a highly integrated ASK/FSK transmit-
ter operating over the 300MHz to 450MHz frequency
band. The device requires only a few external compo-
nents to complete a transmitter solution. The MAX1479
includes a complete PLL and a highly efficient power
amplifier. The device can be set into a 0.2nA low-power
shutdown mode.
Shutdown Mode
ENABLE (pin 4) is internally pulled down with a 20µA
current source. If it is left unconnected or pulled low,
the MAX1479 goes into a low-power shutdown mode.
In this mode, the supply current drops to 0.2nA. When
ENABLE is high, the device is enabled and is ready for
transmission after 200µs (frequency settles to within
50kHz).
The 200µs turn-on time of the MAX1479 is mostly domi-
nated by the crystal oscillator startup time. Once the
oscillator is running, the 300kHz PLL bandwidth allows
fast frequency recovery during power-amplifier toggling.
Mode Selection
MODE (pin 2) sets the MAX1479 in either ASK or FSK
mode. When MODE is set low, the device operates as
an ASK transmitter. If MODE is set high, the device
operates as an FSK transmitter. In the ASK mode, the
DIN pin controls the output of the power amplifier. A
logic low on DIN turns off the PA, and a logic high turns
on the PA. In the FSK mode, a logic low on the DIN pin
is represented by the low FSK frequency, and a logic-
high input is represented by the high FSK frequency.
(The ASK carrier frequency and the lower FSK frequen-
cy are the same.) The deviation is proportional to the
crystal load impedance and pulling capacitance. The
maximum frequency deviation is 55kHz for fRF =
315MHz and 80kHz for fRF = 433MHz.
Pin Description
PIN
NAME
DESCRIPTION
1VDD
Supply Voltage. Bypass to GND with a 10nF and 220pF capacitor as close to the pin as possible.
2
MODE
Mode Select. A logic low on MODE enables the device in ASK mode. A logic high on MODE enables the
device in FSK mode.
3DIN
Data Input. Power amplifier is on when DIN is high in ASK mode. Frequency is high when DIN is high in
FSK mode.
4
ENABLE
Standby/Power-Up Input. A logic low on ENABLE sets the device in standby mode.
5
CLKOUT
Buffered Clock Output. Programmable through CLK0 and CLK1. See Table 1.
6
VDD_PA
Power-Amplifier Supply Voltage. Bypass to GND with a 10nF and 220pF capacitor as close to the pin as
possible.
7ROUT
Envelope-Shaping Output. ROUT controls the power-amplifier envelope rise and fall. Bypass to GND with a
680pF and 220pF capacitor as close to the pin as possible.
8
PAOUT
Power-Amplifier Output. Requires a pullup inductor to the supply voltage, which can be part of the output-
matching network to an antenna.
9
CLK0
1st Clock Divider Setting. See Table 1.
10
CLK1
2nd Clock Divider Setting. See Table 1.
11
DEV0
1st FSK Frequency-Deviation Setting. See Table 2.
12
DEV1
2nd FSK Frequency-Deviation Setting. See Table 2.
13
DEV2
3rd FSK Frequency-Deviation Setting. See Table 2.
14
XTAL1
1st Crystal Input. fRF = 32 x fXTAL.
15
XTAL2
2nd Crystal Input. fRF = 32 x fXTAL.
16
GND
Ground. Connect to system ground.
—EP
Exposed Ground Paddle. EP is the power amplifier’s ground. It must be connected to PC board through a
low-inductance path.


Similar Part No. - MAX1479ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1479ATE++ MAXIM-MAX1479ATE+ Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
More results

Similar Description - MAX1479ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1472 MAXIM-MAX1472_10 Datasheet
178Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 3; 10/10
MAX1472 MAXIM-MAX1472 Datasheet
210Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 0; 5/03
MAX1472 MAXIM-MAX1472_09 Datasheet
223Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
logo
Micrel Semiconductor
MICRF113 MICREL-MICRF113_11 Datasheet
677Kb / 21P
   300MHz to 450MHz 10dBm ASK Transmitter in SOT23
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
   300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
Maxim Integrated Produc...
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com