Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1479ATE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1479ATE
Description  300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1479ATE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1479ATE Datasheet HTML 3Page - Maxim Integrated Products MAX1479ATE Datasheet HTML 4Page - Maxim Integrated Products MAX1479ATE Datasheet HTML 5Page - Maxim Integrated Products MAX1479ATE Datasheet HTML 6Page - Maxim Integrated Products MAX1479ATE Datasheet HTML 7Page - Maxim Integrated Products MAX1479ATE Datasheet HTML 8Page - Maxim Integrated Products MAX1479ATE Datasheet HTML 9Page - Maxim Integrated Products MAX1479ATE Datasheet HTML 10Page - Maxim Integrated Products MAX1479ATE Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
300MHz to 450MHz Low-Power,
Crystal-Based +10dBm ASK/FSK Transmitter
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 11
© 2004 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)
1. DIMENSIONING & TOLERANCING CONFORM TO ASME Y14.5M-1994.
EXPOSED PAD VARIATIONS
2. ALL DIMENSIONS ARE IN MILLIMETERS. ANGLES ARE IN DEGREES.
3. N IS THE TOTAL NUMBER OF TERMINALS.
4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO
JESD 95-1 SPP-012. DETAILS OF TERMINAL #1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED
WITHIN THE ZONE INDICATED. THE TERMINAL #1 IDENTIFIER MAY BE EITHER A MOLD OR
MARKED FEATURE.
5. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.20 mm AND 0.25 mm
FROM TERMINAL TIP.
6. ND AND NE REFER TO THE NUMBER OF TERMINALS ON EACH D AND E SIDE RESPECTIVELY.
7. DEPOPULATION IS POSSIBLE IN A SYMMETRICAL FASHION.
8. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
9. DRAWING CONFORMS TO JEDEC MO220 REVISION C.
NOTES:
E
2
2
21-0136
PACKAGE OUTLINE
12, 16L, THIN QFN, 3x3x0.8mm
DOWN
BONDS
ALLOWED


Similar Part No. - MAX1479ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1479ATE++ MAXIM-MAX1479ATE+ Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
More results

Similar Description - MAX1479ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1472 MAXIM-MAX1472_10 Datasheet
178Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 3; 10/10
MAX1472 MAXIM-MAX1472 Datasheet
210Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 0; 5/03
MAX1472 MAXIM-MAX1472_09 Datasheet
223Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
logo
Micrel Semiconductor
MICRF113 MICREL-MICRF113_11 Datasheet
677Kb / 21P
   300MHz to 450MHz 10dBm ASK Transmitter in SOT23
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
   300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
Maxim Integrated Produc...
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com