Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1479 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1479
Description  300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1479 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1479 Datasheet HTML 1Page - Maxim Integrated Products MAX1479 Datasheet HTML 2Page - Maxim Integrated Products MAX1479 Datasheet HTML 3Page - Maxim Integrated Products MAX1479 Datasheet HTML 4Page - Maxim Integrated Products MAX1479 Datasheet HTML 5Page - Maxim Integrated Products MAX1479 Datasheet HTML 6Page - Maxim Integrated Products MAX1479 Datasheet HTML 7Page - Maxim Integrated Products MAX1479 Datasheet HTML 8Page - Maxim Integrated Products MAX1479 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
300MHz to 450MHz Low-Power,
Crystal-Based +10dBm ASK/FSK Transmitter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(Typical Application Circuit, all RF inputs and outputs are referenced to 50
Ω, VDD = +2.1V to +3.6V, VENABLE = VDD, TA = -40°C to
+125°C, unless otherwise noted. Typical values are at VDD = +2.7V, TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND .............................................................-0.3V to +4V
All Other Pins to GND ................................-0.3V to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
16-Pin Thin QFN (derate 14.7mW/°C above +70°C)...1176.5mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
2.1
3.6
V
fRF = 315MHz
2.9
4.3
PA off, VDIN at
0% duty cycle
(ASK or FSK)
(Note 2)
fRF = 433MHz
3.3
4.8
fRF = 315MHz
6.7
10.7
VDIN at 50% duty
cycle (ASK)
(Notes 3, 4)
fRF = 433MHz
7.3
11.4
fRF = 315MHz (Note 2)
10.5
17.1
Supply Current
IDD
VDIN at 100%
duty cycle (FSK)
fRF = 433MHz (Note 4)
11.4
18.1
mA
TA = +25°C
0.2
TA < +85
°C (Note 4)
120
300
Standby Current
ISTDBY
VENABLE < VIL
TA < +125
°C (Note 2)
700
1600
nA
DIGITAL INPUTS AND OUTPUTS
Data Input High
VIH
(Note 2)
VDD -
0.25
V
Data Input Low
VIL
(Note 2)
0.25
V
Maximum Input Current
IIN
20
µA
Output Voltage High
VOH
CLKOUT, load = 10k
Ω || 10pF (Note 4)
VDD -
0.25
V
Output Voltage Low
VOL
CLKOUT, load = 10k
Ω || 10pF (Note 4)
0.25
V


Similar Part No. - MAX1479

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1479 MAXIM-MAX1479 Datasheet
120Kb / 6P
   Evaluation Kit
Rev 0; 5/05
MAX1479 MAXIM-MAX1479 Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX1479 MAXIM-MAX1479 Datasheet
126Kb / 6P
   Proven Components Parts List
Rev 0; 5/05
MAX1479ATE++ MAXIM-MAX1479ATE+ Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX1479EVKIT MAXIM-MAX1479EVKIT Datasheet
126Kb / 6P
   Proven Components Parts List
Rev 0; 5/05
More results

Similar Description - MAX1479

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1472 MAXIM-MAX1472_10 Datasheet
178Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 3; 10/10
MAX1472 MAXIM-MAX1472 Datasheet
210Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 0; 5/03
MAX1472 MAXIM-MAX1472_09 Datasheet
223Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
logo
Micrel Semiconductor
MICRF113 MICREL-MICRF113_11 Datasheet
677Kb / 21P
   300MHz to 450MHz 10dBm ASK Transmitter in SOT23
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
   300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
Maxim Integrated Produc...
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com