Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS3241NP Datasheet(PDF) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3241NP
Description  High Precision PSR LED Constant Current Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3241NP Datasheet(HTML) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3241NP Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3241NP Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3241NP Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3241NP Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3241NP Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3241NP Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3241NP Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3241NP Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
WS3241 ProductDescription
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
5/8
Application Information
WS3241 is a constant current driver for LED lighting,
adopted advanced constant current control method.It
integrates 650V power switch. Only need a few peripheral
components can achieve excellent constant current
characteristic. With the primary side feedback technology,
WS3241 do not need optocoupler and TL431, also need not
the auxiliary winding for power supply and detection. Thus
achieve the low systemcost.
Low operation current
The operating current of WS3241 is very low. The
typical value is 150uA. The low operating current improves
the efficiency of the system, while reducing the VDD
capacitor requirements.
Primary Feedback PSR Technology
Assume that the system works in DCM flyback mode,
the power transmission equations can be expressed
o
o
s
pk
m
I
V
f
I
L
P
2
2
Where, P is the output power, Vo and Io is the system
output voltage and current, η is the system power
conversion efficiency, Ipk is the primary side peak current,
fixed 185mA.
In DCM mode, Demagnetization time Tdem can be
expressed as:
pk
p
s
dem
m
o
I
N
N
T
L
V
Where, Np and Ns is the transformer primary and
secondary turns, respectively. Combination of the above two
formula, the average output current can be expressed as:
dem
s
s
p
pk
o
T
f
N
N
I
I
2
s
dem
s
p
pk
o
T
T
N
N
I
I
2
Where Ts is the switch cycle. WS3241 adopts PFM
mode to realize constant current, making the peak inductor
current of primary side constant, also remains the ratio of
the demagnetization time and the cycle time, which can
realize constant output current, but also independent with
the line input voltage and transformer inductance. The ratio
of the demagnetization time and the cycle time is 0.5:
5
.
0
s
dem
T
T
Single Chip Built-in 650V High Voltage Power
Supply, Start time less than 100ms
Fig.1 shows the internal high voltage power supply
module. When the system access AC power, VDD capacitor
is charged by the internal 650V high voltage MOS. It will not
reset and start working until the VDD voltage reaches 5.8V.
The start time is less than 100ms, which means that the light
achieves instant bright. In normal operation, VDD is
dynamically charged by Drain, which can save the power
supply auxiliary Winding.
Demagnetization Detection
WS3241 detects the demagnetization time through the
drainterminal waveform, which can save auxiliary winding.
Cycle by Cycle Current Protection and Lead
Edge Blanking
Cycle-by-cycle current limiting is offered in WS3241. An
internal leading edge blanking circuit chops off the sense


Similar Part No. - WS3241NP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS3241 ETC2-WS3241 Datasheet
604Kb / 8P
   High Precision PSR LED Constant Current Driver
More results

Similar Description - WS3241NP

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9254 WINSEMI-WS9254 Datasheet
598Kb / 8P
   High Precision PSR Constant Current LED Driver
logo
Bright Power Semiconduc...
BP3125 BPS-BP3125 Datasheet
400Kb / 10P
   High Precision PSR Constant Current LED Driver
logo
List of Unclassifed Man...
WS9224 ETC2-WS9224 Datasheet
552Kb / 7P
   High Precision PSR Constant Current LED Driver
WS9226 ETC2-WS9226 Datasheet
553Kb / 8P
   High Precision PSR Constant Current LED Driver
logo
Shenzhen Winsemi Microe...
WS9224 WINSEMI-WS9224 Datasheet
552Kb / 7P
   High Precision PSR Constant Current LED Driver
logo
List of Unclassifed Man...
WS9256 ETC2-WS9256 Datasheet
680Kb / 8P
   High Precision PSR Constant Current LED Driver
WS3240 ETC2-WS3240 Datasheet
603Kb / 8P
   High Precision PSR LED Constant Current Driver
WS9221B ETC2-WS9221B Datasheet
388Kb / 8P
   High Precision PSR Constant Current LED Driver
logo
Shenzhen SI Semiconduct...
SIC9654 SISEMIC-SIC9654 Datasheet
484Kb / 7P
   High Precision PSR Constant Current LED Driver
logo
List of Unclassifed Man...
WS9252 ETC2-WS9252 Datasheet
561Kb / 8P
   High Precision PSR Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com