Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS1587CSX-ADJ Datasheet(PDF) 7 Page - Texas Instruments

Part # LMS1587CSX-ADJ
Description  5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS1587CSX-ADJ Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMS1587CSX-ADJ Datasheet HTML 3Page - Texas Instruments LMS1587CSX-ADJ Datasheet HTML 4Page - Texas Instruments LMS1587CSX-ADJ Datasheet HTML 5Page - Texas Instruments LMS1587CSX-ADJ Datasheet HTML 6Page - Texas Instruments LMS1587CSX-ADJ Datasheet HTML 7Page - Texas Instruments LMS1587CSX-ADJ Datasheet HTML 8Page - Texas Instruments LMS1587CSX-ADJ Datasheet HTML 9Page - Texas Instruments LMS1587CSX-ADJ Datasheet HTML 10Page - Texas Instruments LMS1587CSX-ADJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
16-Feb-2017
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LMS1585ACS-1.5
NRND
DDPAK/
TO-263
KTT
3
45
TBD
Call TI
Call TI
0 to 125
LMS1585
ACS-1.5
LMS1585ACS-1.5/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
0 to 125
LMS1585
ACS-1.5
LMS1585ACS-3.3
NRND
DDPAK/
TO-263
KTT
3
45
TBD
Call TI
Call TI
0 to 125
LMS1585
ACS-3.3
LMS1585ACS-3.3/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
0 to 125
LMS1585
ACS-3.3
LMS1585ACSX-1.5/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
0 to 125
LMS1585
ACS-1.5
LMS1585ACSX-3.3
NRND
DDPAK/
TO-263
KTT
3
TBD
Call TI
Call TI
0 to 125
LMS1585
ACS-3.3
LMS1585ACSX-3.3/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
0 to 125
LMS1585
ACS-3.3
LMS1585ACSX-ADJ
NRND
DDPAK/
TO-263
KTT
3
TBD
Call TI
Call TI
0 to 125
LMS1585
ACS-ADJ
LMS1585ACSX-ADJ/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
0 to 125
LMS1585
ACS-ADJ
LMS1585ACT-1.5
NRND
TO-220
NDE
3
45
TBD
Call TI
Call TI
0 to 125
LMS1585ACT
1.5
LMS1585ACT-1.5/NOPB
ACTIVE
TO-220
NDE
3
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
0 to 125
LMS1585ACT
1.5
LMS1585ACT-3.3/NOPB
ACTIVE
TO-220
NDE
3
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
0 to 125
LMS1585
ACT-3.3
LMS1585AIS-1.5
NRND
DDPAK/
TO-263
KTT
3
45
TBD
Call TI
Call TI
-40 to 125
LMS1585
AIS-1.5
LMS1585AIS-1.5/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LMS1585
AIS-1.5
LMS1585AIS-3.3/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LMS1585
AIS-3.3
LMS1585AISX-3.3/NO
PREVIEW
DDPAK/
TO-263
KTT
3
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LMS1585
AIS-3.3
LMS1587CS-1.5
NRND
DDPAK/
TO-263
KTT
3
TBD
Call TI
Call TI
0 to 125
LMS1587
CS-1.5


Similar Part No. - LMS1587CSX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS1587CSX-ADJ NSC-LMS1587CSX-ADJ Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
logo
Texas Instruments
LMS1587CSX-ADJ TI1-LMS1587CSX-ADJ Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587CSX-ADJ/NOPB TI1-LMS1587CSX-ADJ/NOPB Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
More results

Similar Description - LMS1587CSX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS1585A TI1-LMS1585A Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587CT-33 TI1-LMS1587CT-33 Datasheet
1Mb / 16P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI-LMS1585A_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587 TI-LMS1587_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
logo
National Semiconductor ...
LMS1585A NSC-LMS1585A Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
LMS1585AEP NSC-LMS1585AEP Datasheet
128Kb / 7P
   Enhanced Plastic 5A and 3A Low Dropout Fast Response Regulators
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com