Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS1587IS-ADJ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMS1587IS-ADJ
Description  5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS1587IS-ADJ Datasheet(HTML) 1 Page - Texas Instruments

  LMS1587IS-ADJ Datasheet HTML 1Page - Texas Instruments LMS1587IS-ADJ Datasheet HTML 2Page - Texas Instruments LMS1587IS-ADJ Datasheet HTML 3Page - Texas Instruments LMS1587IS-ADJ Datasheet HTML 4Page - Texas Instruments LMS1587IS-ADJ Datasheet HTML 5Page - Texas Instruments LMS1587IS-ADJ Datasheet HTML 6Page - Texas Instruments LMS1587IS-ADJ Datasheet HTML 7Page - Texas Instruments LMS1587IS-ADJ Datasheet HTML 8Page - Texas Instruments LMS1587IS-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Tab is
VOUT
INPUT
OUTPUT
ADJ/GND
VOUT
INPUT
OUTPUT
ADJ/GND
LMS1585A/87-3.3
VIN _4.75V
3.3V
3A, 5A
+
+
C2*
10 µF
C1
10 µF
* Required for Stability
LMS1585A , LMS1587
www.ti.com
SNVS061G – MONTH 2003 – REVISED JULY 2013
LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
Check for Samples: LMS1585A , LMS1587
1
FEATURES
DESCRIPTION
The LMS1585A and LMS1587 are low dropout
234
Fast Transient Response
positive regulators with output load current of 5A and
Available in Adjustable, 1.5V, and 3.3V
3A respectively. Their low dropout voltage (1.2V) and
versions
fast transient response make them an excellent
Current Limiting and Thermal Protection
solution for low voltage microprocessor applications.
Commercial Temp. Tange: 0°C to 125°C
The
LMS1585A/87
are
available
in
adjustable
versions, which can set the output voltage with only
Industrial Temp. Range:
−40°C to 125°C
two external resistors. In addition, they are also
Line Regulation 0.005% (typical)
available in 1.5V and 3.3V fixed voltage versions(1).
Load Regulation 0.05% (typical)
The LMS1585A/87 circuits include a zener trimmed
Direct Replacement for LT® 1585A/87
bandgap reference, current limiting and thermal
shutdown. The LMS1585A/87 series are available in
APPLICATIONS
KTT (TO-263) and NDE (TO-220) packages.
Pentium® processor supplies
PowerPC® supplies
Other microprocessor supplies
Low voltage logic supplies
(1)
Consult factory for other fixed voltage options.
Typical Application
Figure 1. NDE (TO-220)
Figure 2. KTT (TO-263)
(Top View)
(Top View)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPC is a registered trademark of IBM.
3
Pentium is a registered trademark of Intel Corporation.
4
LT is a registered trademark of Linear Technology.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMS1587IS-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS1587IS-ADJ NSC-LMS1587IS-ADJ Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
logo
Texas Instruments
LMS1587IS-ADJ TI1-LMS1587IS-ADJ Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587IS-ADJ/NOPB TI1-LMS1587IS-ADJ/NOPB Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
More results

Similar Description - LMS1587IS-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS1585A TI1-LMS1585A Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587CT-33 TI1-LMS1587CT-33 Datasheet
1Mb / 16P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI-LMS1585A_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587 TI-LMS1587_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
logo
National Semiconductor ...
LMS1585A NSC-LMS1585A Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
LMS1585AEP NSC-LMS1585AEP Datasheet
128Kb / 7P
   Enhanced Plastic 5A and 3A Low Dropout Fast Response Regulators
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com