Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8024 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8024
Description  Quad 350 MHz 24 V Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8024 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8024_16 Datasheet HTML 5Page - Analog Devices AD8024_16 Datasheet HTML 6Page - Analog Devices AD8024_16 Datasheet HTML 7Page - Analog Devices AD8024_16 Datasheet HTML 8Page - Analog Devices AD8024_16 Datasheet HTML 9Page - Analog Devices AD8024_16 Datasheet HTML 10Page - Analog Devices AD8024_16 Datasheet HTML 11Page - Analog Devices AD8024_16 Datasheet HTML 12Page - Analog Devices AD8024_16 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AD8024
–8–
REV. C
50mV
20ns
500mV
VOUT
VIN
TPC 25. Small Signal Pulse Response, Gain = +10
(RFB = 400
Ω, RL = 150 Ω, VS = ±7.5 V)
VOUT
VIN
2V
200mV
20ns
TPC 26. Large Signal Pulse Response, Gain = +10
(RFB = 400
Ω, RL = 150 Ω, VS = ±7.5 V)
VOUT
VIN
500mV
20ns
500mV
TPC 27. Small Signal Pulse Response, Gain = –1
(RFB = 909
Ω, RL = 150 Ω, VS = ±7.5 V)
VOUT
VIN
2V
20ns
2V
TPC 28. Large Signal Pulse Response, Gain = –1
(RFB = 909
Ω, RL = 150 Ω, VS = ±7.5 V)


Similar Part No. - AD8024_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8024 AD-AD8024_15 Datasheet
374Kb / 13P
   Quad 350 MHz 24 V Amplifier
REV. C
More results

Similar Description - AD8024_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8024 AD-AD8024_01 Datasheet
166Kb / 12P
   Quad 350 MHz 24 V Amplifier
REV. C
AD8024 AD-AD8024 Datasheet
164Kb / 11P
   Quad 350 MHz 24 V Amplifier
REV. B
AD8024 AD-AD8024_15 Datasheet
374Kb / 13P
   Quad 350 MHz 24 V Amplifier
REV. C
logo
Ultralife Corporation.
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
   350-450 MHz Amplifier Kit
5/30/14
logo
Texas Instruments
THS9001 TI-THS9001 Datasheet
451Kb / 17P
[Old version datasheet]   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Analog Devices
AD8012ARZ AD-AD8012ARZ Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012 AD-AD8012_03 Datasheet
261Kb / 16P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012 AD-AD8012 Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
logo
Ultralife Corporation.
A-320V1-H ULTRALIFE-A-320V1-H Datasheet
300Kb / 2P
   20-Watt 350-450 MHz Amplifier
4/8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com