Electronic Components Datasheet Search |
|
TT532600MBXNEXXHE-PF Datasheet(PDF) 1 Page - Advanced Crystal Technology |
|
TT532600MBXNEXXHE-PF Datasheet(HTML) 1 Page - Advanced Crystal Technology |
1 / 3 page (V)TCT53‐4 Series From ±0.5ppm stability over 0°C to 50°C ESD sensitive device Moisture sensitive level (MSL)‐1 Parameters Specification Remarks Frequency range F_nom 6.4MHz ~ 40.0MHz Supply voltage Vcc 2.5V, 3.0V, 3.3V, 5.0V Initial frequency tolerance F_tol ±2.0ppm at +25°C±2°C Frequency stability vs Temperature F_stb ±0.5ppm ~ ±3.0ppm Table 1 vs Load F_load ±0.3ppm max. ±10% load condition change vs Voltage F_Vcc ±0.3ppm max. ±5% input voltage change vs Aging F_age ±1.0ppm/year max. at +25°C vs Reflow ±1.0ppm/year max. 1 reflow and measured after 24hrs Operating temperature range (°C) Topr 0°C ~ +50°C to ‐40°C ~ +85°C Table 1 Storage temperature (°C) Tstg ‐55°C ~ +125°C Output Wave Form HCMOS/TTL Output voltage high Voh 90% Vcc min. Output voltage low Vol 10% Vcc max. Output load 15pF Current consumption Icc 6mA max. Rise and fall time Tr, Tf 10ns max. 20% to 80% of wave form. Duty cycle SYM 45%/55%, 40%/60% Measured at 50% Vcc. Start‐up time T_str 5.0m sec (typ.), 10.0m sec. (Max.) Reach 90% amplitude at +25°C±2°C VC‐TCXO option only Control voltage Vc 1.5V ± 1.0V for all supply voltages Frequency tuning (ppm) ±5.0ppm min. Linearity/Slope polarity ±10.0% max/Positive slope Positive voltage for positive frequency shift Input impedance 50.0MΩ min Modulation bandwidth 20.0kHz min Table 1 Frequency Stability vs Temperature Temp. (°C) Stability in ppm ±0.5 ±1.0 ±1.5 ±2.0 ±2.5 ±3.0 0°C to 50°C √ √ √√√√ ‐10°C to 60°C Enq. √ √√√√ ‐20°C to 70°C X √ √√√√ ‐30°C to 75°C X √ √√√√ ‐30°C to 85°C X √ √√√√ ‐40°C to 85°C XEnq. √√√√ Pad 1 : Control voltage (VCTCXO). No connection(TCXO) Pad 2 : Ground Pad 3 : Output Pad 4 : Supply Voltage Advanced Crystal Technology (A wholly owned Acal BFi Company) Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com ISO9001 Registered Specifications subject to change without notification TCXO/VC‐TCXO, 5.0 x 3.2mm, HCMOS/TTL Dimensions (Unit:mm) 5.0 1.1 3.7 3.8 1.4 Top view Bottom view Land pattern 1 2 3 4 1 2 3 4 |
Similar Part No. - TT532600MBXNEXXHE-PF |
|
Similar Description - TT532600MBXNEXXHE-PF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |