Electronic Components Datasheet Search |
|
AA1210DR-0710R Datasheet(PDF) 2 Page - YAGEO Corporation |
|
AA1210DR-0710R Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 10 page Chip Resistor Surface Mount www.yageo.com Dec. 08 2015 V.3 Product specification 2 10 SERIES AA 0201 to 2512 O OR RD DE ER RIIN NG G IIN NF FO OR RM MA AT TIIO ON N -- G GL LO OB BA AL L P PA AR RT T N NU UM MB BE ER R Part number is identified by the series name, size, tolerance, packaging type, temperature coefficient, taping reel and resistance value. S SC CO OP PE E This specification describes AA0201 to AA2512 chip resistors with lead- free terminations made by thick film process. A AP PP PL LIIC CA AT TIIO ON NS S Car electronics Engine control unit Body control system Safety devices F FE EA AT TU UR RE ES S Superior resistance against sulfur containing atmosphere AEC-Q200 qualified Moisture sensitivity level: MSL1 AA series soldering is compliant with J-STD-020D Halogen free epoxy RoHS compliant Reduce environmentally hazardous waste High component and equipment reliability The resistors are 100% performed by automatic optical inspection ORDERING EXAMPLE The ordering code for an AA0402 chip resistor, value 100 KΩ with ±1% tolerance, supplied in 7-inch tape reel is: AA0402FR-07100KL NOTE 1. All our R-Chip products are RoHS compliant and Halogen free. "LFP" of the internal 2D reel label states "Lead-Free Process". 2. On customized label, "LFP" or specific symbol can be printed. Resistance rule of global part number Resistance coding rule Example XRXX (1 to 9.76 Ω) 1R = 1 Ω 1R5 = 1.5 Ω 9R76 = 9.76 Ω XXRX (10 to 97.6 Ω) 10R = 10 Ω 97R6 = 97.6 Ω XXXR (100 to 976 Ω) 100R = 100 Ω 976R = 976 Ω XKXX (1 to 9.76 KΩ) 1K = 1,000 Ω 9K76 = 9760 Ω XMXX (1 to 9.76 MΩ) 1M = 1,000,000 Ω 9M76= 9,760,000 Ω XXMX (10 MΩ) 10M = 10,000,000 Ω GLOBAL PART NUMBER AA XXXX X X X XX XXXX L (1) (2) (3) (4) (5) (6) (7) (1) SIZE 0201 / 0402 / 0603 / 0805 / 1206 / 1210 / 1218 / 2010 / 2512 (2) TOLERANCE D =± 0.5% F = ± 1% J = ± 5% (for Jumper ordering, use code of J) (3) PACKAGING TYPE R = Paper/PE taping reel K = Embossed taping reel (4) TEMPERATURE COEFFICIENT OF RESISTANCE – = Base on spec (5) TAPING REEL 07 = 7 inch dia. Reel 13 = 13 inch dia. Reel (6) RESISTANCE VALUE 1Ω to 10 MΩ There are 2~4 digits indicated the resistance value. Letter R/K/M is decimal point, no need to mention the last zero after R/K/M, e.g.1K2, not 1K20. (7) DEFAULT CODE Letter L is the system default code for ordering only. (Note) |
Similar Part No. - AA1210DR-0710R |
|
Similar Description - AA1210DR-0710R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |