Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KG406O Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # KG406O
Description  Outside coupler and factory tuned whip only for KG UHF glass mount antennas
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

KG406O Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  KG406O Datasheet HTML 1Page - Pulse A Technitrol Company KG406O Datasheet HTML 2Page - Pulse A Technitrol Company KG406O Datasheet HTML 3Page - Pulse A Technitrol Company KG406O Datasheet HTML 4Page - Pulse A Technitrol Company KG406O Datasheet HTML 5Page - Pulse A Technitrol Company KG406O Datasheet HTML 6Page - Pulse A Technitrol Company KG406O Datasheet HTML 7Page - Pulse A Technitrol Company KG406O Datasheet HTML 8Page - Pulse A Technitrol Company KG406O Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1 800 ANTENNA
65
NOTE: Antennas are not to scale
UHF 406-512 MHz
To convert to Gain (dBd):
Gain (dBi) - 2.14
MODEL
FREQUENCY (MHz)
LP450
450 - 470
SPECIFICATIONS
GAIN
2.14 dBi
TYPE
Low profile
VSWR (see bandwidth)
2:1
BANDWIDTH @ 1.5
3%
BANDWIDTH @ 2.0
5%
MAX POWER
100 Watts
COLOR
Black
COAX
17’ UD
MOUNTING
Direct Feed 1/2” Hole
MAX HEIGHT
1 1/4”
DIAMETER
5 1/4”
MODEL
FREQUENCY (MHz)
LP406NMO (W)
406 - 420
LP420NMO (W)
416 - 430
LP450NMO (W)
450 - 470
LP470NMO (W)
470 - 490
LP490NMO (W)
490 - 512
SPECIFICATIONS
GAIN
2.14 dBi
TYPE
Low profile
VSWR (see bandwidth)
2:1
BANDWIDTH @ 1.5
3%
BANDWIDTH @ 2.0
5%
POWER RATING
100 Watts
COLOR
Black or White
COAX
Order separately
MAX HEIGHT
1 1/2”
DIAMETER
4 1/2”
NMO mount low profile. 20-inch diameter
ground plane required. 406 - 512 MHz.
Also available in white.
*For white add “W” at end of part number.
Mirage II direct feed low profile.
24” ground plane required.
Available in white with minimum order
quantities. Please contact the factory for
more information.


Similar Part No. - KG406O

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
KG406O/S PULSE-KG406O/S Datasheet
395Kb / 3P
   UHF 406-512 MHz
KG406O/S PULSE-KG406O/S Datasheet
294Kb / 11P
   Outside coupler and factory tuned whip only for KG UHF glass mount antennas
More results

Similar Description - KG406O

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
KG406UD PULSE-KG406UD Datasheet
294Kb / 11P
   Outside coupler and factory tuned whip only for KG UHF glass mount antennas
logo
Harris Corporation
SB-V16 HARRIS-SB-V16 Datasheet
338Kb / 2P
   VERTICAL HF WHIP ANTENNAS
logo
Linx Technologies
ANT-2.4-OC-LG LINX-ANT-2.4-OC-LG Datasheet
139Kb / 1P
   Increased gain versus standard whip antennas
3-22-11
logo
Freescale Semiconductor...
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
logo
PCTEL, Inc.
MWV PCTEL-MWV Datasheet
147Kb / 1P
   VHF and UHF Wideband Antennas - No Tune
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com