Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO5210NM Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # RO5210NM
Description  All NMO mount antennas listed in this catalog section require the NMOHF-style
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RO5210NM Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  RO5210NM Datasheet HTML 1Page - Pulse A Technitrol Company RO5210NM Datasheet HTML 2Page - Pulse A Technitrol Company RO5210NM Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
34
www.pulseelectronics.com/products/antennas
LTE, 4G, BROADBAND
NOTE: Antennas are not to scale
LTE, 4G, BroadBand radoME oMnis
NOTE: Radome Omni antennas have the following specifications:
Radome Enclosure: Pultruded Fiberglass (UV Protected)
VSWR:
2.0:1
Power Rating:
20 Watts
Ingress Protection:
IP67
Polarization:
Vertical
Suggested mounting brackets for N Female connectors are FB2BRACKET or
FB3BRACKET. See Page 45 for FB brackets.
Frequency
Gain
Length
Model
(Mhz)
(dBd/dBi)
(in)
Connector
RO2404NM
2400-2500
1.9/4
11.5
N Male
RO2406NF
2400-2500
3.9/6
11.5
N Female
RO2406NM
2400-2500
3.9/6
11.5
N Male
RO2408NF
2400-2500
5.9/8
20
N Female
RO2408NM
2400-2500
5.9/8
20
N Male
RO2408NFD (downtilt)
2400-2500
5.9/8
20
N Female
RO2408NMD (downtilt)
2400-2500
5.9/8
20
N Male
RO2408NFU (uptilt)
2400-2500
5.9/8
20
N Female
RO2408NMU (uptilt)
2400-2500
5.9/8
20
N Male
RO4910NF
4940-4990
7.8/10
18
N Female
RO4910NM
4940-4990
7.8/10
18
N Male
RO5206NF
5150-5350
3.9/6
6.75
N Female
RO5410NF
5470-5725
7.8/10
16.5
N Female
RO5210NF
5150-5350
7.8/10
16.5
N Female
RO5210NM
5150-5350
7.8/10
16.5
N Male
RO5410NM
5470-5725
7.8/10
16.5
N Male
RO5805NF
5150-5825
2.8/5
6.75
N Female
RO5805NM
5150-5825
2.8/5
6.75
N Male
RO5806NF
5725-5875
3.9/6
6.75
N Female
RO5810NF
5725-5875
7.8/10
16.5
N Female
RO5810NM
5725-5875
7.8/10
16.5
N Male
RO806/2170NM
806-960
1.9/4
16.5
N Male
1710-2170
1.9/4
Single Band Radome Omnis
RO806/2170NM


Similar Part No. - RO5210NM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
RO58 INFINEON-RO58 Datasheet
1Mb / 41P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
logo
Pulse A Technitrol Comp...
RO5805NM PULSE-RO5805NM Datasheet
993Kb / 2P
   Omnidirectional Antenna
RO5810NF PULSE-RO5810NF Datasheet
751Kb / 9P
   RO, 10 dBi, 5.725-5.925 GHz, NF
RO5810NM PULSE-RO5810NM Datasheet
749Kb / 9P
   RO, 10 dBi, 5.725-5.925 GHz, NM
More results

Similar Description - RO5210NM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S2112 ETC2-S2112 Datasheet
125Kb / 3P
   NAVIGATE THE CATALOG BY SECTION
S2134 ETC2-S2134 Datasheet
125Kb / 3P
   NAVIGATE THE CATALOG BY SECTION
logo
STANLEY ELECTRIC CO.,LT...
VFHY1111C-3BX2D-TR STANLEY-VFHY1111C-3BX2D-TR Datasheet
720Kb / 21P
   As for this product, the part number listed in the catalog had been changed because of renewed narrower spec.
VFHR1111C-3BY2A-TR STANLEY-VFHR1111C-3BY2A-TR Datasheet
693Kb / 21P
   As for this product, the part number listed in the catalog had been changed because of renewed narrower spec.
VFHV1111C-3BY2B-TR STANLEY-VFHV1111C-3BY2B-TR Datasheet
714Kb / 21P
   As for this product, the part number listed in the catalog had been changed because of renewed narrower spec.
VFHA1111C-3BZ2C-TR STANLEY-VFHA1111C-3BZ2C-TR Datasheet
696Kb / 21P
   As for this product, the part number listed in the catalog had been changed because of renewed narrower spec.
logo
Pasternack Enterprises,...
PE51020 PASTERNACK-PE51020 Datasheet
72Kb / 1P
   NMO MOUNT, FOR ANTENNAS OVER 1GHz, SMA CONNECTOR, DC-5800MHZ
logo
Murata Manufacturing Co...
GCM155R72A222KA37D MURATA-GCM155R72A222KA37D Datasheet
2Mb / 67P
   Explanation of Symbols in This Catalog
logo
King blillion Electroni...
HE83R125 KB-HE83R125 Datasheet
322Kb / 18P
   This chip is suitable for the applications that require higher performance
logo
Infineon Technologies A...
NGC1081 INFINEON-NGC1081 Datasheet
373Kb / 32P
   This section provides the pin description of NGC1081.
Rev. 1.0 20223-02-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com