Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA123JEFRA Datasheet(PDF) 1 Page - Rohm

Part # DTA123JEFRA
Description  PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA123JEFRA Datasheet(HTML) 1 Page - Rohm

  DTA123JEFRA Datasheet HTML 1Page - Rohm DTA123JEFRA Datasheet HTML 2Page - Rohm DTA123JEFRA Datasheet HTML 3Page - Rohm DTA123JEFRA Datasheet HTML 4Page - Rohm DTA123JEFRA Datasheet HTML 5Page - Rohm DTA123JEFRA Datasheet HTML 6Page - Rohm DTA123JEFRA Datasheet HTML 7Page - Rohm DTA123JEFRA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DTA123JE FRA
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
Datasheet
AEC-Q101 Qualified
l
lOutline
Parameter
Value
SOT-416
 
VCC
-50V
SC-75A
 
 
IC(MAX.)
-100mA
 
 
 
 
R1
2.2kΩ
 
 
R2
47kΩ
(EMT3)
 
                     
l
lFeatures
l
lInner circuit
1) Built-In Biasing Resistors
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
4) Complementary NPN Types: DTC123JE FRA
l
lApplication
INVERTER, INTERFACE, DRIVER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTA123JE FRA
SOT-416
(EMT3)
1616
TL
180
8
3000
E32
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/5
20161006 - Rev.001


Similar Part No. - DTA123JEFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123JE ROHM-DTA123JE Datasheet
106Kb / 4P
   Digital transistors (built-in resistors)
logo
ON Semiconductor
DTA123JE ONSEMI-DTA123JE Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2015 ??Rev. 3
logo
Weitron Technology
DTA123JE WEITRON-DTA123JE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
DTA123JE ONSEMI-DTA123JE Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
logo
SeCoS Halbleitertechnol...
DTA123JE SECOS-DTA123JE Datasheet
241Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
More results

Similar Description - DTA123JEFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143EUBHZG ROHM-DTA143EUBHZG Datasheet
771Kb / 7P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA144EUAFRA ROHM-DTA144EUAFRA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA143ZMFHA ROHM-DTA143ZMFHA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA143XUAFRA ROHM-DTA143XUAFRA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA143XMFHA ROHM-DTA143XMFHA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA124EEFRA ROHM-DTA124EEFRA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA123YEFRA ROHM-DTA123YEFRA Datasheet
1,004Kb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA115EEFRA ROHM-DTA115EEFRA Datasheet
1,020Kb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA114EMFHA ROHM-DTA114EMFHA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA123YU3HZG ROHM-DTA123YU3HZG Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA124EU3HZG ROHM-DTA124EU3HZG Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com