Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPSMOD2515 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # GPSMOD2515
Description  Active GPS Antenna Modules 13mm x 13mm and 25 mm x 25 mm sizes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSMOD2515 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  GPSMOD2515 Datasheet HTML 1Page - Pulse A Technitrol Company GPSMOD2515 Datasheet HTML 2Page - Pulse A Technitrol Company GPSMOD2515 Datasheet HTML 3Page - Pulse A Technitrol Company GPSMOD2515 Datasheet HTML 4Page - Pulse A Technitrol Company GPSMOD2515 Datasheet HTML 5Page - Pulse A Technitrol Company GPSMOD2515 Datasheet HTML 6Page - Pulse A Technitrol Company GPSMOD2515 Datasheet HTML 7Page - Pulse A Technitrol Company GPSMOD2515 Datasheet HTML 8Page - Pulse A Technitrol Company GPSMOD2515 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Confidential and Proprietary – Pulse Electronics – All Rights reserved – 2015
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other
state and federal laws. Its receipt or possession does not convey any rights to reproduce, disclose its content, or to manufacture, use or sell anything it may
describe. Reproduction, disclosure or use without specific written authorization of Pulse is strictly forbidden. Information subject to change without notice.
For More Information
Pulse Worldwide Headquarters
Larsen Brand Antennas
Europe Headquarters
Pulse (Suzhou) Wireless Products Co, Inc.
12220 World Trade Drive
3611 NE 112th Ave
Pulse GmbH & Do, KG
99 Huo Ju Road(#29 Bldg, 4th Phase
Performance warranty of products offered in this data
San Diego, CA 92128
Vancouver, WA 98682
Zeppelinstrasse 15
Suzhou New District
sheet is limited to the parameters specified. Other brand and
USA
USA
Herrenberg, Germany
Science & Tech Industrial Park
product names mentioned herein may be trademarks
Jiangsu Province, Suzhou 215009 PR China
or registered trademarks of their respective owners.
Tel:1- 858-674-8100
Tel: 1-360-944-7551
Tel: 49 7032 7806 0
Tel: 86 512 6807 9998
©Copyright, 2015. Pulse Electronics, Inc. All rights
Fax: 1-858-674-8262
Fax: 1-360-944-7556
Fax: 49 7032 7806 135
Fax: 86 512 6809 8023
Reserved.
P/Ns: GPSMOD1315, GPSMOD1333, GPSMOD2515, GPSMOD2533
Description: Active GPS Antenna Modules 13mm x 13
mm and 25 mm x 25 mm sizes
Part# GPSMODxxxx Series
pulseelectronics.com/products/antennas
L190.A 03/16
1
Features
 Small form factor
 Includes low noise amplifier(LNA) 16 and 33dB
options
 Suitable for mounting inside device
 3-5v operating voltage
 Low noise figure
Applications
 Use in GPS enabled devices
 Portable Handsets
 Automotive Navigation
 Tracking and Positioning
 GNSS


Similar Part No. - GPSMOD2515

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GPSMOD2515 PULSE-GPSMOD2515 Datasheet
750Kb / 10P
   Active GPS Antenna Modules 13mm x 13 mm and 25 mm x 25 mm sizes
More results

Similar Description - GPSMOD2515

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GPSMODXXXX PULSE-GPSMODXXXX Datasheet
750Kb / 10P
   Active GPS Antenna Modules 13mm x 13 mm and 25 mm x 25 mm sizes
logo
P-tec Corporation
PB95-LBRY01 P-TEC-PB95-LBRY01 Datasheet
30Kb / 1P
   21 x 13mm Light Bar
PB95-LBRG13 P-TEC-PB95-LBRG13 Datasheet
30Kb / 1P
   21 x 13mm Light Bar
logo
Transko Electronics, In...
OX-S TRANSKO-OX-S Datasheet
463Kb / 2P
   OCXO 25.4 X 22 X 13mm PACKAGE
Rev. 2: Mar. 2015
logo
P-tec Corporation
PB95-LBRR21 P-TEC-PB95-LBRR21 Datasheet
30Kb / 1P
   21 x 13mm Light Bar
PB95-LBRR12 P-TEC-PB95-LBRR12 Datasheet
30Kb / 1P
   21 x 13mm Light Bar
logo
Transko Electronics, In...
OX-E TRANSKO-OX-E Datasheet
425Kb / 2P
   OCXO 36.1 X 27.2 X 13mm “EURO” PACKAGE
Rev. 2: Mar. 2015
logo
Ledil, Inc.
C10402 LEDIL-C10402 Datasheet
2Mb / 4P
   25 x 25 mm lens with ~90째 x 8째 oval beam
C10527 LEDIL-C10527 Datasheet
2Mb / 4P
   25 x 25 mm lens with ~95째 x 20째 diffused oval beam
logo
Abracon Corporation
APAE915R2540ABDB1-T ABRACON-APAE915R2540ABDB1-T Datasheet
2Mb / 3P
   915MHz; 25 x 25 x 4mm RFID(USA) Patch Antenna
08.03.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com