Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA144TMFHA Datasheet(PDF) 2 Page - Rohm

Part # DTA144TMFHA
Description  PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA144TMFHA Datasheet(HTML) 2 Page - Rohm

  DTA144TMFHA Datasheet HTML 1Page - Rohm DTA144TMFHA Datasheet HTML 2Page - Rohm DTA144TMFHA Datasheet HTML 3Page - Rohm DTA144TMFHA Datasheet HTML 4Page - Rohm DTA144TMFHA Datasheet HTML 5Page - Rohm DTA144TMFHA Datasheet HTML 6Page - Rohm DTA144TMFHA Datasheet HTML 7Page - Rohm DTA144TMFHA Datasheet HTML 8Page - Rohm DTA144TMFHA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DTA144T series
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-50
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-100
mA
Power dissipation
DTA144TM
PD*1
150
mW
DTA144TE
150
DTA144TUA
200
DTA144TKA
200
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown
voltage
BVCBO
IC = -50μA
-50
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = -1mA
-50
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = -50μA
-5
-
-
V
Collector cut-off current
ICBO
VCB = -50V
-
-
-0.5
μA
Emitter cut-off current
IEBO
VEB = -4V
-
-
-0.5
μA
Collector-emitter saturation voltage
VCE(sat)
IC / IB = -5mA / -0.5mA
-
-
-0.3
V
DC current gain
hFE
VCE = -5V, IC = -1mA
100
250
600
-
Input resistance
R1
-
32.9
47
61.1
Transition frequency
fT*2
VCE = -10V, IE = 5mA,
f = 100MHz
-
250
-
MHz
*1 Each terminal mounted on a reference footprint
*2 Characteristics of built-in transistor
                                            
 
                                        
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
2/7
20121023 - Rev.001
DTA144TMFHA
DTA144TEFRA
DTA144TKAFRA
DTA144TUAFRA


Similar Part No. - DTA144TMFHA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144TM ROHM-DTA144TM Datasheet
58Kb / 3P
   Digital transistors (built in resistor)
DTA144TM ROHM-DTA144TM Datasheet
144Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistor)
logo
Taiwan Semiconductor Co...
DTA144TM TSC-DTA144TM Datasheet
209Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
DTA144TM ROHM-DTA144TM Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
logo
ON Semiconductor
DTA144TM3 ONSEMI-DTA144TM3 Datasheet
112Kb / 6P
   Digital Transistors (BRT) R1 = 47 k, R2 =  k
September, 2012 ??Rev. 1
More results

Similar Description - DTA144TMFHA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZKAT146 ROHM-DTA113ZKAT146 Datasheet
1Mb / 4P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA124EUAT106 ROHM-DTA124EUAT106 Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114TUAT106 ROHM-DTA114TUAT106 Datasheet
529Kb / 10P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JCAHZG ROHM-DTA123JCAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114E ROHM-DTA114E_12 Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114EETL ROHM-DTA114EETL Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143EETL ROHM-DTA143EETL Datasheet
277Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114ECAHZG ROHM-DTA114ECAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JUAT106 ROHM-DTA123JUAT106 Datasheet
268Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123E ROHM-DTA123E Datasheet
345Kb / 9P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com