Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59K151-S00L5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59K151-S00L5
Description  ADAPTOR SMB JACK ??BNC PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59K151-S00L5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59K151-S00L5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59K151-S00L5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
ADAPTOR
SMB JACK – BNC PLUG
59K151-S00L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
f(GHz)
Electrical data
Impedance
50
Frequency
DC to 4 GHz
Return loss
 33 dB, DC to 1 GHz
 29 dB, 1 to 4 GHz
Insertion loss
 0.05 x
dB
Insulation resistance
 1x103 M
Center contact resistance
 5 m, SMB side
 1.5 m, BNC side
Outer contact resistance
 2.5 m, SMB side
 1 m, BNC side
Test voltage
750 V rms, 50 Hz, at sea level
Working voltage
 250 V rms, 50 Hz, at sea level
Contact current
1.5 A DC typ.
RF-leakage
 55 dB up to 1 GHz
Mechanical data
SMB side
BNC side
Mating cycles
min. 500
min. 500
Center contact captivation: axial
 10 N
 10 N
Engagement force
 63 N
N/A
Disengagement force
8 N min. to 63 N max.
N/A
Environmental data
Temperature range
-55°C to +155°C
Thermal shock
MIL-STD-202, Meth. 107, Cond. B
Vibration
MIL-STD-202, Meth. 204, Cond. B
Corrosion
MIL-STD-202, Meth. 101, Cond. B
Moisture resistance
MIL-STD-202, Meth. 106
RoHS
compliant
Tooling
N/A
Suitable cables
N/A
Weight
Weight
8.6 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Inge Mühlauer
14/12/04
Sa. Krautenbacher
20.03.14
f00
14-0352
T. Krojer
20.03.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 59K151-S00L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59K151-K00L5 ROSENBERGER-59K151-K00L5 Datasheet
38Kb / 2P
   ADAPTOR SMB JACK ??BNC JACK
More results

Similar Description - 59K151-S00L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S151-K00L5 ROSENBERGER-59S151-K00L5 Datasheet
38Kb / 2P
   ADAPTOR SMB PLUG ??BNC JACK
59K151-K00L5 ROSENBERGER-59K151-K00L5 Datasheet
38Kb / 2P
   ADAPTOR SMB JACK ??BNC JACK
59S151-S00L5 ROSENBERGER-59S151-S00L5 Datasheet
68Kb / 2P
   ADAPTOR SMB PLUG ??BNC PLUG
logo
Amphenol RF.
142300 RF-142300 Datasheet
54Kb / 1P
   SMB T ADAPTOR JACK-PLUG-JACK
logo
Rosenberger Hochfrequen...
71S301-K00N5 ROSENBERGER-71S301-K00N5 Datasheet
41Kb / 2P
   ADAPTOR BNC 75 jack ??plug - jack
51S301-K00N5 ROSENBERGER-51S301-K00N5 Datasheet
52Kb / 2P
   ADAPTOR BNC 50 jack ??plug - jack
51S303-K00N5 ROSENBERGER-51S303-K00N5 Datasheet
42Kb / 2P
   adaptor BNC 50 plug ??jack - jack
71S201-K00N5 ROSENBERGER-71S201-K00N5 Datasheet
82Kb / 2P
   BNC 75 ADAPTOR PLUG-JACK
51S154-K00N5 ROSENBERGER-51S154-K00N5 Datasheet
45Kb / 2P
   ADAPTOR BNC PLUG ??UHF JACK
logo
Bel Fuse Inc.
VA234 BEL-VA234 Datasheet
788Kb / 1P
   Euro Plug to BNC Jack Adaptor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com