Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKI-2525-AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EKI-2525-AE
Description  5-port Unmanaged Industrial Ethernet Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EKI-2525-AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EKI-2525-AE Datasheet HTML 1Page - Advantech Co., Ltd. EKI-2525-AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Ethernet Solutions
Features
Specifications
Communications
ƒ
Standard
IEEE 802.3, 802.3u, 802.3x
ƒ
LAN
10/100Base-T (X)
ƒ
Transmission Distance Up to 100 m
ƒ
Transmission Speed
Up to 100 Mbps
Interface
ƒ
Connectors
8 x RJ45 (EKI-2528) or 5 x RJ45 (EKI-2525)
6-pin removable screw terminal (power & relay)
ƒ
LED Indicators
P1, P2, P-Fail
10/100T (X): Link/Activity, Duplex/Collision
Power
ƒ
Power Consumption
EKI-2528: Max. 5 W
EKI-2525: Max. 3 W
ƒ
Power Input
12 ~ 48 VDC, redundant dual inputs
ƒ
Fault Output
1 Relay Output
Mechanism
ƒ
Dimensions (W x H x D) 37 x 140 x 95 mm (1.46" x 5.51" x 3.74")
ƒ
Enclosure
IP30, Metal shell with solid mounting kits
ƒ
Mounting
DIN-rail, Wall
Protection
ƒ
Reverse Polarity
Present
ƒ
Overload current
Present
Environment
ƒ
Operating Temperature -10 ~ 60°C (14 ~ 140°F)
-40 ~ 75°C (-40 ~ 167°F), (EKI-2525I and EKI-2528I)
ƒ
Storage Temperature
-40 ~ 85°C (-40 ~ 185°F)
ƒ
Operating Humidity
5 ~ 95% (non-condensing)
ƒ
Storage Humidity
0 ~ 95% (non-condensing)
ƒ
MTBF
689,000 hours (EKI-2528)
412,590 hours (EKI-2525)
Certification
ƒ
Safety
UL 60950-1, CAN/CSA-C22.2 No.60950
Class I, Division 2
ƒ
EMI
FCC Part 15 Subpart B Class A, EN 55022 Class A
ƒ
EMS
EN 61000-4-2
EN 61000-4-3
EN 61000-4-4
EN 61000-4-5
EN 61000-4-6
EN 61000-4-8
ƒ
Shock
IEC 60068-2-27
ƒ
Freefall
IEC 60068-2-32
ƒ
Vibration
IEC 60068-2-6
ƒ Provides 5/8 Fast Ethernet ports with Auto MDI/MDI-X
ƒ Supports 10/100 Mbps Auto-Negotiation
ƒ Provides broadcast storm protection
ƒ Provides compact size with DIN-rail/Wall mount, and IP30 metal mechanism
ƒ Supports redundant 12 ~ 48 VDC power input and P-Fail relay
ƒ Supports wide operating temperatures from -40 to 75°C (EKI-2525I/EKI-2528I)
Introduction
The EKI-2525/2528 supports a Fast Ethernet solution. The power is a +12 ~ 48 VDC redundant input design, and is secured with a double protection mechanism: Power Polarity Reverse
Protect and an Overload Current Resetable Fuse. The former tolerates reverse power wiring while the later secures the system from overload currents. As the power supply turns
normal, EKI-2525/2528 will automatically get back to work. Each port of EKI-2525/2528 has 2 LED’s to show the link status transmission speed and collision status. It also provides
a relay output for an event alarm. In the event of a power failure, the built-in LED will activate the alarm to notify administrators. Engineers can simply verify the hardware status by
checking the LED, and have troubleshooting easy and quick. EKI-2525/2528 comes with compact metal housing that rates IP30 to help against from dusty industrial environments.
EKI-2525
EKI-2528
RoHS
COMPLIANT
2011/65/EU
EKI-2525/I
EKI-2528/I
5-port Unmanaged Industrial Ethernet
Switch
8-port Unmanaged Industrial Ethernet
Switch
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - EKI-2525-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2525-BE ADVANTECH-EKI-2525-BE Datasheet
373Kb / 2P
   5-port Unmanaged Industrial Ethernet Switch
EKI-2525-I ADVANTECH-EKI-2525-I Datasheet
373Kb / 2P
   5-port Unmanaged Industrial Ethernet Switch
More results

Similar Description - EKI-2525-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2525-BE ADVANTECH-EKI-2525-BE Datasheet
373Kb / 2P
   5-port Unmanaged Industrial Ethernet Switch
EKI-2525I-BE ADVANTECH-EKI-2525I-BE Datasheet
373Kb / 2P
   5-port Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IES-1050 ORING-IES-1050 Datasheet
551Kb / 3P
   Industrial 5-port Unmanaged Ethernet Switch
logo
Advantech Co., Ltd.
EKI-2525-I ADVANTECH-EKI-2525-I Datasheet
373Kb / 2P
   5-port Unmanaged Industrial Ethernet Switch
EKI-2725-BE ADVANTECH-EKI-2725-BE Datasheet
285Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-2725-CE ADVANTECH-EKI-2725-CE Datasheet
285Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-3725-AE ADVANTECH-EKI-3725-AE Datasheet
886Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-2725 ADVANTECH-EKI-2725 Datasheet
259Kb / 1P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-3725P-AE ADVANTECH-EKI-3725P-AE Datasheet
603Kb / 2P
   5-port Gigabit Unmanaged PoE Industrial Ethernet Switch
EKI-3525-AE ADVANTECH-EKI-3525-AE Datasheet
901Kb / 2P
   5-port 10/100Mbps Unmanaged Industrial Ethernet Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com