Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA2010JR-131R5 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # AA2010JR-131R5
Description  ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AA2010JR-131R5 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button AA2010JR-131R5 Datasheet HTML 2Page - YAGEO Corporation AA2010JR-131R5 Datasheet HTML 3Page - YAGEO Corporation AA2010JR-131R5 Datasheet HTML 4Page - YAGEO Corporation AA2010JR-131R5 Datasheet HTML 5Page - YAGEO Corporation AA2010JR-131R5 Datasheet HTML 6Page - YAGEO Corporation AA2010JR-131R5 Datasheet HTML 7Page - YAGEO Corporation AA2010JR-131R5 Datasheet HTML 8Page - YAGEO Corporation AA2010JR-131R5 Datasheet HTML 9Page - YAGEO Corporation AA2010JR-131R5 Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 08 2015 V.3
Product specification
9
10
SERIES
AA
0201 to 2512
R
RE
EV
VIIS
SIIO
ON
N H
HIIS
ST
TO
OR
RY
Y
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 3
Dec. 08, 2015 -
- Update Dielectric Withstanding Voltage
Version 2
Apr. 09, 2015
-
- Modified FOS test procedure
Version 1
Jan. 27, 2015
-
- Dimensions update
Version 0
Feb. 27, 2014
-
- First issue of this specification


Similar Part No. - AA2010JR-131R5

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA2010JR-131R5L YAGEO-AA2010JR-131R5L Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AA2010JR-131R5

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF0201DR-071R YAGEO-AF0201DR-071R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com