Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T140A105M060AT4251 Datasheet(PDF) 6 Page - Kemet Corporation

Part # T140A105M060AT4251
Description  T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T140A105M060AT4251 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T140A105M060AT4251 Datasheet HTML 2Page - Kemet Corporation T140A105M060AT4251 Datasheet HTML 3Page - Kemet Corporation T140A105M060AT4251 Datasheet HTML 4Page - Kemet Corporation T140A105M060AT4251 Datasheet HTML 5Page - Kemet Corporation T140A105M060AT4251 Datasheet HTML 6Page - Kemet Corporation T140A105M060AT4251 Datasheet HTML 7Page - Kemet Corporation T140A105M060AT4251 Datasheet HTML 8Page - Kemet Corporation T140A105M060AT4251 Datasheet HTML 9Page - Kemet Corporation T140A105M060AT4251 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2034_T140_AXIAL_T242 • 6/27/2016
66
Tantalum Through-Hole Capacitors – Hermetically Sealed
T140 Series Axial MIL–PRF–39003 Polar Type and T242 (CSR23 Style)
Rated
Voltage
Rated
Cap
Case
Size
Code
KEMET Part
Number
DC
Leakage
DF
% at
25°C
MIL–PRF–39003 (CSR23) Capacitors
Dash Number Reference
KEMET
Equivalent
Military
Failure Rate Level (%/1,000 Hours)
MIL–PRF–39003/3F
MIL–PRF–39003/3F
Exponential
Graded
VDC
µF
(See below for
part options)
µA at 25°C
Max/5 Minutes
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
20
150.0
D
T140D157K020A(3)
15.0
8
0161
0261
0361
0461
5061
2061
3061
4061
T242D157K020(2)S
20
150.0
D
T140D157M020A(3)
15.0
8
0162
0262
0362
0462
5062
2062
3062
4062
T242D157M020(2)S
20
180.0
D
T140D187K020A(3)
15.0
8
0163
0263
0363
0463
5063
2063
3063
4063
T242D187K020(2)S
20
180.0
D
T140D187M020A(3)
15.0
8
30
1.2
A
T140A125(1)030A(3)
1.0
4
30
1.5
A
T140A155(1)030A(3)
1.0
4
30
1.8
A
T140A185(1)030A(3)
1.0
4
30
2.2
A
T140A225(1)030A(3)
1.0
4
30
2.7
A
T140A275(1)030A(3)
1.0
4
30
12.0
B
T140B126(1)030A(3)
3.0
4
30
15.0
B
T140B156(1)030A(3)
3.0
4
30
18.0
B
T140B186(1)030A(3)
3.0
4
30
33.0
C
T140C336(1)030A(3)
6.0
6
30
39.0
C
T140C396(1)030A(3)
6.0
6
30
47.0
C
T140C476(1)030A(3)
7.0
6
30
56.0
C
T140C566(1)030A(3)
7.0
6
30
68.0
C
T140C686(1)030A(3)
7.0
6
30
82.0
D
T140D826(1)030A(3)
10.0
6
30
100.0
D
T140D107(1)030A(3)
10.0
8
35
1.2
A
T140A125(1)035A(3)
0.6
4
35
1.5
A
T140A155(1)035A(3)
0.8
4
35
1.8
A
T140A185K035A(3)
1.0
4
0164
0264
0364
0464
5064
2064
3064
4064
T242A185K035(2)S
35
1.8
A
T140A185M035A(3)
1.0
4
35
8.2
B
T140B825K035A(3)
3.0
4
0165
0265
0365
0465
5065
2065
3065
4065
T242B825K035(2)S
35
8.2
B
T140B825M035A(3)
3.0
4
35
10.0
B
T140B106K035A(3)
3.0
4
0166
0266
0366
0466
5066
2066
3066
4066
T242B106K035(2)S
35
10.0
B
T140B106M035A(3)
3.0
4
0167
0267
0367
0467
5067
2067
3067
4067
T242B106M035(2)S
35
27.0
C
T140C276(1)035A(3)
7.0
6
35
33.0
C
T140C336K035A(3)
8.0
6
0168
0268
0368
0468
5068
2068
3068
4068
T242C336K035(2)S
35
33.0
C
T140C336M035A(3)
8.0
6
0169
0269
0369
0469
5069
2069
3069
4069
T242C336M035(2)S
35
39.0
C
T140C396K035A(3)
10.0
6
0170
0270
0370
0470
5070
2070
3070
4070
T242C396K035(2)S
35
39.0
C
T140C396M035A(3)
10.0
6
35
47.0
C
T140C476K035A(3)
10.0
6
0171
0271
0371
0471
5071
2071
3071
4071
T242C476K035(2)S
35
47.0
C
T140C476M035A(3)
10.0
6
0172
0272
0372
0472
5072
2072
3072
4072
T242C476M035(2)S
35
56.0
D
T140D566K035A(3)
12.0
6
0173
0273
0373
0473
5073
2073
3073
4073
T242D566K035(2)S
35
56.0
D
T140D566M035A(3)
12.0
6
35
68.0
D
T140D686K035A(3)
12.0
6
0174
0274
0374
0474
5074
2074
3074
4074
T242D686K035(2)S
35
68.0
D
T140D686M035A(3)
12.0
6
0175
0275
0375
0475
5075
2075
3075
4075
T242D686M035(2)S
35
82.0
D
T140D826(1)035A(3)
20.0
8
35
100.0
D
T140D107(1)035A(3)
20.0
8
50
1.2
A
T140A125K050A(3)
0.6
4
0176
0276
0376
0476
5076
2076
3076
4076
T242A125K050(2)S
50
1.2
A
T140A125M050A(3)
0.6
4
50
1.5
A
T140A155K050A(3)
0.8
4
0177
0277
0377
0477
5077
2077
3077
4077
T242A155K050(2)S
50
1.5
A
T140A155M050A(3)
0.8
4
0178
0278
0378
0478
5078
2078
3078
4078
T242A155M050(2)S
50
5.6
B
T140B565K050A(3)
2.5
4
0179
0279
0379
0479
5079
2079
3079
4079
T242B565K050(2)S
50
5.6
B
T140B565M050A(3)
2.5
4
50
6.8
B
T140B685K050A(3)
2.5
4
0180
0280
0380
0480
5080
2080
3080
4080
T242B685K050(2)S
50
6.8
B
T140B685M050A(3)
2.5
4
0181
0281
0381
0481
5081
2081
3081
4081
T242B685M050(2)S
VDC
µF
Case
Size
Code
(See below for
part options)
µA at 25°C
Max/5 Minutes
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
Rated
Voltage
Rated
Cap
KEMET Part
Number
DC
Leakage
DF
% at
25°C
MIL–PRF–39003 (CSR23) Capacitors
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20% or K for ± 10%. Designates capacitance tolerance.
(2) To complete KEMET part number (T242), insert failure rate code from Ordering Information table.
(3) To complete KEMET T140 Part Number, insert Lead Material designator: S – Standard or T – 100% Matte Tin. Designates termination finish.


Similar Part No. - T140A105M060AT4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T140A105M050ASC KEMET-T140A105M050ASC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140A105M050BSC KEMET-T140A105M050BSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140A105M050CSC KEMET-T140A105M050CSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140A105M050DSC KEMET-T140A105M050DSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140A105M050MSC KEMET-T140A105M050MSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - T140A105M060AT4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
T32XA474M035AT KEMET-T32XA474M035AT Datasheet
576Kb / 15P
   T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
logo
Vishay Siliconix
EKSU VISHAY-EKSU Datasheet
101Kb / 6P
   Aluminum Capacitors Radial Style Non-Polar
Revision: 24-Jun-08
logo
RFE international
TN331M0JTR080160 RFE-TN331M0JTR080160 Datasheet
86Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR TN Series: Axial Non-Polar
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
RFE international
TB330M1HTR160380 RFE-TB330M1HTR160380 Datasheet
76Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS TB/TBL Series: Axial, Bi-Polar
logo
Amphenol Corporation
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Vishay Siliconix
EBUEBT VISHAY-EBUEBT Datasheet
97Kb / 7P
   Aluminum Capacitors Axial Non-Polar Capacitor Styles
Revision: 11-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com