Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T140B105M015AT4251 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T140B105M015AT4251
Description  T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T140B105M015AT4251 Datasheet(HTML) 5 Page - Kemet Corporation

  T140B105M015AT4251 Datasheet HTML 1Page - Kemet Corporation T140B105M015AT4251 Datasheet HTML 2Page - Kemet Corporation T140B105M015AT4251 Datasheet HTML 3Page - Kemet Corporation T140B105M015AT4251 Datasheet HTML 4Page - Kemet Corporation T140B105M015AT4251 Datasheet HTML 5Page - Kemet Corporation T140B105M015AT4251 Datasheet HTML 6Page - Kemet Corporation T140B105M015AT4251 Datasheet HTML 7Page - Kemet Corporation T140B105M015AT4251 Datasheet HTML 8Page - Kemet Corporation T140B105M015AT4251 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2034_T140_AXIAL_T242 • 6/27/2016
55
Tantalum Through-Hole Capacitors – Hermetically Sealed
T140 Series Axial MIL–PRF–39003 Polar Type and T242 (CSR23 Style)
Rated
Voltage
Rated
Cap
Case
Size
Code
KEMET Part
Number
DC
Leakage
DF
% at
25°C
MIL–PRF–39003 (CSR23) Capacitors
Dash Number Reference
KEMET
Equivalent
Military
Failure Rate Level (%/1,000 Hours)
MIL–PRF–39003/3F
MIL–PRF–39003/3F
Exponential
Graded
VDC
µF
(See below for
part options)
µA at 25°C
Max/5 Minutes
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
10
470.0
D
T140D477M010A(3)
16.0
10
0130
0230
0330
0430
5030
2030
3030
4030
T242D477M010(2)S
10
560.0
D
T140D567K010A(3)
20.0
10
0131
0231
0331
0431
5031
2031
3031
4031
T242D567K010(2)S
10
560.0
D
T140D567M010A(3)
20.0
10
15
3.9
A
T140A395(1)015A(3)
1
4
15
4.7
A
T140A475K015A(3)
1
4
0132
0232
0332
0432
5032
2032
3032
4032
T242A475K015(2)S
15
4.7
A
T140A475M015A(3)
1
4
0133
0233
0333
0433
5033
2033
3033
4033
T242A475M015(2)S
15
5.6
A
T140A565K015A(3)
1.3
4
0134
0234
0334
0434
5034
2034
3034
4034
T242A565K015(2)S
15
5.6
A
T140A565M015A(3)
1.3
4
15
27.0
B
T140B276(1)015A(3)
3
6
15
33.0
B
T140B336K015A(3)
5
6
0135
0235
0335
0435
5035
2035
3035
4035
T242B336K015(2)S
15
33.0
B
T140B336M015A(3)
5
6
0136
0236
0336
0436
5036
2036
3036
4036
T242B336M015(2)S
15
39.0
B
T140B396K015A(3)
5.3
6
0137
0237
0337
0437
5037
2037
3037
4037
T242B396K015(2)S
15
39.0
B
T140B396M015A(3)
5.3
6
15
82.0
C
T140C826(1)015A(3)
8
6
15
100.0
C
T140C107(1)015A(3)
10
6
15
120.0
C
T140C127(1)015A(3)
10
6
15
150.0
C
T140C157K015A(3)
15
8
0138
0238
0338
0438
5038
2038
3038
4038
T242C157K015(2)S
15
150.0
C
T140C157M015A(3)
15
8
0139
0239
0339
0439
5039
2039
3039
4039
T242C157M015(2)S
15
180.0
C
T140C187K015A(3)
15
8
0140
0240
0340
0440
5040
2040
3040
4040
T242C187K015(2)S
15
180.0
C
T140C187M015A(3)
15
8
15
220.0
D
T140D227K015A(3)
20
8
0141
0241
0341
0441
5041
2041
3041
4041
T242D227K015(2)S
15
220.0
D
T140D227M015A(3)
20
8
0142
0242
0342
0442
5042
2042
3042
4042
T242D227M015(2)S
15
270.0
D
T140D277K015A(3)
20
8
0143
0243
0343
0443
5043
2043
3043
4043
T242D277K015(2)S
15
270.0
D
T140D277M015A(3)
20
8
15
330.0
D
T140D337K015A(3)
20
8
0144
0244
0344
0444
5044
2044
3044
4044
T242D337K015(2)S
15
330.0
D
T140D337M015A(3)
20
8
0145
0245
0345
0445
5045
2045
3045
4045
T242D337M015(2)S
20
2.7
A
T140A275K020A(3)
0.8
4
0146
0246
0346
0446
5046
2046
3046
4046
T242A275K020(2)S
20
2.7
A
T140A275M020A(3)
0.8
4
20
3.3
A
T140A335K020A(3)
1.0
4
0147
0247
0347
0447
5047
2047
3047
4047
T242A335K020(2)S
20
3.3
A
T140A335M020A(3)
1.0
4
0148
0248
0348
0448
5048
2048
3048
4048
T242A335M020(2)S
20
3.9
A
T140A395K020A(3)
1.2
4
0149
0249
0349
0449
5049
2049
3049
4049
T242A395K020(2)S
20
3.9
A
T140A395M020A(3)
1.2
4
20
18.0
B
T140B186K020A(3)
3.0
6
0150
0250
0350
0450
5050
2050
3050
4050
T242B186K020(2)S
20
18.0
B
T140B186M020A(3)
3.0
6
20
22.0
B
T140B226K020A(3)
3.0
6
0151
0251
0351
0451
5051
2051
3051
4051
T242B226K020(2)S
20
22.0
B
T140B226M020A(3)
3.0
6
0152
0252
0352
0452
5052
2052
3052
4052
T242B226M020(2)S
20
27.0
B
T140B276K020A(3)
4.0
6
0153
0253
0353
0453
5053
2053
3053
4053
T242B276K020(2)S
20
27.0
B
T140B276M020A(3)
4.0
6
20
56.0
C
T140C566K020A(3)
7.0
6
0154
0254
0354
0454
5054
2054
3054
4054
T242C566K020(2)S
20
56.0
C
T140C566M020A(3)
7.0
6
20
68.0
C
T140C686K020A(3)
8.0
6
0155
0255
0355
0455
5055
2055
3055
4055
T242C686K020(2)S
20
68.0
C
T140C686M020A(3)
8.0
6
0156
0256
0356
0456
5056
2056
3056
4056
T242C686M020(2)S
20
82.0
C
T140C826K020A(3)
10.0
6
0157
0257
0357
0457
5057
2057
3057
4057
T242C826K020(2)S
20
82.0
C
T140C826M020A(3)
10.0
6
20
100.0
C
T140C107K020A(3)
12.0
6
0158
0258
0358
0458
5058
2058
3058
4058
T242C107K020(2)S
20
100.0
C
T140C107M020A(3)
12.0
6
0159
0259
0359
0459
5059
2059
3059
4059
T242C107M020(2)S
20
120.0
C
T140C127K020A(3)
12.0
6
0160
0260
0360
0460
5060
2060
3060
4060
T242C127K020(2)S
20
120.0
C
T140C127M020A(3)
12.0
6
VDC
µF
Case
Size
Code
(See below for
part options)
µA at 25°C
Max/5 Minutes
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
Rated
Voltage
Rated
Cap
KEMET Part
Number
DC
Leakage
DF
% at
25°C
MIL–PRF–39003 (CSR23) Capacitors
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20% or K for ± 10%. Designates capacitance tolerance.
(2) To complete KEMET part number (T242), insert failure rate code from Ordering Information table.
(3) To complete KEMET T140 Part Number, insert Lead Material designator: S – Standard or T – 100% Matte Tin. Designates termination finish.


Similar Part No. - T140B105M015AT4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T140B105M050ASC KEMET-T140B105M050ASC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140B105M050BSC KEMET-T140B105M050BSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140B105M050CSC KEMET-T140B105M050CSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140B105M050DSC KEMET-T140B105M050DSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140B105M050MSC KEMET-T140B105M050MSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - T140B105M015AT4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
T32XA474M035AT KEMET-T32XA474M035AT Datasheet
576Kb / 15P
   T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
logo
Vishay Siliconix
EKSU VISHAY-EKSU Datasheet
101Kb / 6P
   Aluminum Capacitors Radial Style Non-Polar
Revision: 24-Jun-08
logo
RFE international
TN331M0JTR080160 RFE-TN331M0JTR080160 Datasheet
86Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR TN Series: Axial Non-Polar
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
RFE international
TB330M1HTR160380 RFE-TB330M1HTR160380 Datasheet
76Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS TB/TBL Series: Axial, Bi-Polar
logo
Amphenol Corporation
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Vishay Siliconix
EBUEBT VISHAY-EBUEBT Datasheet
97Kb / 7P
   Aluminum Capacitors Axial Non-Polar Capacitor Styles
Revision: 11-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com