Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0782145001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0782145001
Description  Impact 4 Pair, Vertical Power Receptacle, Press-Fit, LCP, Glass Filled UL94-V0
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0782145001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0782145001_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0782145001_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
20.0A
Data Rate
N/A
Shield Type
N/A
Shielded
No
Voltage - Maximum
250V
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-78214-001
Product Specification
PS-78213-001-001
Symbol/Footprint Data
SYM-78214-5001
This document was generated on 02/21/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0782145001_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0782145001 MOLEX11-0782145001 Datasheet
41Kb / 2P
   Impact 4 Pair, Vertical Power Receptacle, Press-Fit, LCP
More results

Similar Description - 0782145001_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0782141001 MOLEX1-0782141001_17 Datasheet
36Kb / 2P
   Impact 4 Pair, Vertical Power Receptacle, Press-Fit, LCP, Glass Filled UL94-V0
0782181001 MOLEX1-0782181001_17 Datasheet
36Kb / 2P
   Impact 6 Pair, Vertical Power Receptacle, Press-Fit, LCP, Glass Filled UL94-V0
0782121001 MOLEX1-0782121001_17 Datasheet
41Kb / 2P
   Impact 3 Pair, Vertical Power Receptacle, Press-Fit, LCP, Glass Filled UL94-V0
0782161001 MOLEX1-0782161001_17 Datasheet
39Kb / 2P
   Impact 5 Pair, Vertical Power Receptacle, Press-Fit, LCP, Glass Filled UL94-V0
0782481001 MOLEX1-0782481001_17 Datasheet
40Kb / 2P
   Impact 4 Pair, Right Angle Power Receptacle, Press-Fit, LCP, Glass Filled UL94-V0
0782471001 MOLEX1-0782471001_17 Datasheet
33Kb / 2P
   Impact 3 Pair, Right Angle Power Receptacle, Press-Fit, LCP, Glass Filled UL94-V0
0782491001 MOLEX1-0782491001_17 Datasheet
37Kb / 2P
   Impact 5 Pair, Right Angle Power Receptacle, Press-Fit, LCP, Glass Filled UL94-V0
0782141001 MOLEX11-0782141001 Datasheet
35Kb / 2P
   Impact 4 Pair, Vertical Power Receptacle, Press-Fit, LCP
0782145001 MOLEX11-0782145001 Datasheet
41Kb / 2P
   Impact 4 Pair, Vertical Power Receptacle, Press-Fit, LCP
0782181001 MOLEX11-0782181001 Datasheet
33Kb / 2P
   Impact 6 Pair, Vertical Power Receptacle, Press-Fit, LCP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com