Electronic Components Datasheet Search |
|
23057--4 Datasheet(PDF) 3 Page - TE Connectivity Ltd |
|
23057--4 Datasheet(HTML) 3 Page - TE Connectivity Ltd |
3 / 4 page 408- 9875 3 of 4 Rev A To avoid personal injury, make sure all guards are installed on the arbor frame assembly or the auto--cycle unit before terminating the connector. 2. Place cable into the flutes of the fluted plate, as shown in Figure 2. Cable conductors must stay in the same flutes for the entire length of the fluted plate. 3. Insert connector into the lower insert using the instructions supplied with the connector--specific kit. 4. Slide cable through the connector so that the end of the cable is against the cable stop. The cable must be positioned between the cable guides. When cable is properly positioned, close the cable clamp. See Figure 2. 5. To actuate the ram for the arbor frame assembly, slide lower tooling assembly toward rear of base plate until it is positioned against the rear tool stop. Pull down on the frame assembly handle to terminate the cable to the connector. To actuate the ram for the auto--cycle unit, slide lower tooling assembly toward the rear of the base plate until the sensing port closes. The frame assembly will automatically cycle and terminate the cable to the connector. 6. To retract the ram for the arbor frame assembly, raise the tool handle. Slide tooling assembly out from under the ram and remove the terminated connector. The ram will automatically retract when the auto--cycle unit has completed the crimp cycle. Slide the lower tooling out from under the ram to remove the terminated connector. 7. Measure the termination height of the connector. The dimension should conform to the termination height dimensions provided in Application Specification 114--40049. If the termination height is incorrect, an adjustment to the ram height is required. Refer to the instruction sheet supplied with the appropriate frame assembly for ram height adjustment procedures. 5. MAINTENANCE AND INSPECTION 5.1. Maintenance Base Assembly Universal Arbor Tool 768338--2 requires little maintenance other than to keep it clean. Remove debris and contaminants from the tooling with a clean, soft, lint--free cloth or a clean, soft brush. Do not use objects that could damage the tooling and do not use any solvents that could harm paint or plastic material. When not in use, store the tooling in a clean, dry area. 5.2. Inspection The tooling should be inspected immediately upon arrival at your facility and at regularly--scheduled intervals thereafter to ensure that it has not been damaged. Examine the tooling for any signs of damage or excessive wear during inspections. If replacement of parts is necessary, refer to Figure 3 for the list of customer--replaceable parts. 6. REPLACEMENT AND REPAIR Figure 3 provides a list of customer--replaceable parts for the Base Assembly Universal Arbor Tool 768338--2. Replacement parts can be ordered through your local TE Connectivity representative. Parts replacement and tooling repair may also be secured by calling the Product Information or the Tooling Assistance Center at the numbers shown on the bottom of the first page of this document. 7. REVISION HISTORY Since the previous version of this document, the following has been changed: S Updated document to corporate requirements. DANGER NOTE i NOTE i NOTE i |
Similar Part No. - 23057--4 |
|
Similar Description - 23057--4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |