Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


5--21003--1 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part No. 5--21003--1
Description  Adapter Kits for GREENERD Manual
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 2 page
background image
408- 9027
Rev C
2
of 2
parts is necessary. Parts other than those listed
should be replaced by TE to ensure quality and
reliability. Order replacement parts through your
representative, or call 1--800--526--5142, or send a
facsimile of your purchase order to 717--986--7605, or
write to:
CUSTOMER SERVICE (038--035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105--3608
For customer repair service, call 1--800--526--5136.
5. REVISION SUMMARY
Revisions to this instruction sheet include:
S
Updated document to corporate requirements
Counterbalance Kit
Board Support Plate Kit
Ram Adapter Assembly Kit
127+1.52
[5+.060]
162+1.52
[6.38+.060]
21.8 [.86]
457+1.52 [18+.060]
457+1.52
[18+.060]
9.53
[.375]
(Inside)
1
2
3
4
5
6
7
11
12
10
8
9
REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
QTY PER KIT
1
1--21018--5
NUT, Hex, 5/16--18
2
2
2--21001--2
SCREW, Socket Head Cap, 5/16--18¢1.50 L
2
3
312750--1
COUNTERBALANCE
2
4
1--21018--5
NUT, Hex, 5/16--18
1
5
5--21003--1
SCREW, Socket Head Cap, 5/16--18¢1.75 L
1
6
21055--9
WASHER, Flat, 5/16
1
7
312749--1
PLATE, Board Support
1
8
3--21000--4
SCREW, Socket Head Cap, 10--32¢.38 L
1
9
20908--1
MAGNET, 1.38 D¢1.19 L
1
10
6--21030--8
PIN, Dowel, .50 D¢2.25 L
1
11
312751--1
PUSH BLOCK, 25.4¢102 [1¢4] (Included with Kit 58177--1)
1
11
312751--2
PUSH BLOCK, 25.4¢152 [1¢6] (Included with Kit 58177--2)
1
12
312752--1
ADAPTER, Ram
1
Figure 2




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl