Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-21012-8 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 2-21012-8
Description  Read these instructions and understand them before using the seating tool.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-21012-8 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  2-21012-8 Datasheet HTML 1Page - TE Connectivity Ltd 2-21012-8 Datasheet HTML 2Page - TE Connectivity Ltd 2-21012-8 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Seating Tools
91346-[ ]
ACTION PIN* Contact
Board Retention Feature
Printed Circuit Board
Support Fixture
(Customer Supplied)
Printed Circuit
Board (Ref)
Typical Z-PACK 2mm
HM Pin Header
Blade
Adapter
©2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or Company names may be trademarks of their respective owners.
1 of 3
Instruction Sheet
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
LOC B
408-8465
Seating Tools 91346-[ ]
for Z-PACK* 2mm HM (Hard Metric),
Type A/B Pin Headers
04 OCT 11 Rev A
Figure 1
1. INTRODUCTION
This instruction sheet covers the use and maintenance
of Seating Tools 91346-[ ].
These tools are used to seat Z-PACK 2mm HM (hard
metric) 5-row and 5-row +2 Type A/B pin headers
onto a printed circuit (pc) board. These headers
contain ACTION PIN contacts to allow solderless pc
board installation. See Figure 1.
Read these instructions and understand them before
using the seating tool.
NOTE
i
Dimensions in this instruction sheet are in metric
units [with U.S. customary units in brackets].
Figures are not drawn to scale.
2. DESCRIPTION
Each seating tool is an assembly of a blade and an
adapter. Figure 2 matches tool part number to the size
(positions) of the pin header to be seated. The adapter
straightens the header, during the cycle of the
applicator ram, to provide proper insertion into the pc
board. Each tool is designed for a specific combination
of contacts in a row and number of rows in a header.
During seating, the tool sits inside the header housing
with the blades engaging the housing floor and contact
shoulders, preventing contacts from pushing out of
the housing.


Similar Part No. - 2-21012-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-21000-0 MACOM-2-21000-0 Datasheet
342Kb / 7P
   Depress the upper release button located in the C?밾ead and slide the nest into place.
logo
TE Connectivity Ltd
2-21000-0 TEC-2-21000-0 Datasheet
519Kb / 10P
   Crimping Die Assemblies
logo
Tyco Electronics
2-21000-2 MACOM-2-21000-2 Datasheet
342Kb / 7P
   Depress the upper release button located in the C?밾ead and slide the nest into place.
logo
TE Connectivity Ltd
2-21000-2 TEC-2-21000-2 Datasheet
519Kb / 10P
   Crimping Die Assemblies
2-21000-7 TEC-2-21000-7 Datasheet
328Kb / 5P
   AMPOWER Crimping Die Assemblies
More results

Similar Description - 2-21012-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-4546 TEC-408-4546 Datasheet
99Kb / 3P
   Read these instructions and understand them before using the seating tool.
408-8500 TEC-408-8500 Datasheet
293Kb / 4P
   Read these instructions and understand them before using the seating tool.
408-8501 TEC-408-8501 Datasheet
186Kb / 4P
   Read these instructions and understand them before using the seating tool.
408-9916 TEC-408-9916 Datasheet
82Kb / 3P
   Read these instructions and understand them before using the seating tool.
logo
Tyco Electronics
408-8810 MACOM-408-8810 Datasheet
208Kb / 3P
   Read and understand these instructions before using the seating tool.
logo
TE Connectivity Ltd
408-4430 TEC-408-4430 Datasheet
102Kb / 3P
   Read these instructions and understand them before using the seating tool and support anvil.
logo
Tyco Electronics
408-9913 MACOM-408-9913 Datasheet
149Kb / 3P
   Read these instructions thoroughly before using the seating tool.
logo
TE Connectivity Ltd
408-10155 TEC-408-10155 Datasheet
349Kb / 4P
   Read these instructions thoroughly before using the seating tool kit.
408-32224 TEC-408-32224 Datasheet
302Kb / 4P
   Read and understand these instructions before using the removal tools.
logo
Tyco Electronics
408-8646 MACOM-408-8646 Datasheet
111Kb / 2P
   Read these instructions before using the extraction tool.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com