Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4827 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC4827
Description  Low Input Voltage, 180VPP Output Voltage, EL Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4827 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC4827 Datasheet HTML 5Page - Micrel Semiconductor MIC4827 Datasheet HTML 6Page - Micrel Semiconductor MIC4827 Datasheet HTML 7Page - Micrel Semiconductor MIC4827 Datasheet HTML 8Page - Micrel Semiconductor MIC4827 Datasheet HTML 9Page - Micrel Semiconductor MIC4827 Datasheet HTML 10Page - Micrel Semiconductor MIC4827 Datasheet HTML 11Page - Micrel Semiconductor MIC4827 Datasheet HTML 12Page - Micrel Semiconductor MIC4827 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
September 2001
11
MIC4827
MIC4827
Micrel
R1
562k
R2
3.32M
VIN
1.5V
COUT
0.01
µF/100V
GRM42-2X7R104K100
D1
Diodes
BAS20W
L1
220
µH
Murata
LQH4C221K04
15
6
8
7
2
3
4
SW
CS
VA
VB
VDD
RSW
REL
GND
MIC4827
EL LAMP
C2
10
µF/6.3V
Murata
GRM42-6X5R106K6.3
VDD
1.8V to 5.5V
C1
0.01
µF/50V
Murata
GRM42-6X5R106K6.3
TIME (2ms/div)
Figure 8. Typical Split Power Supplies Applications
V
IN
I
IN
V
DD
I
DD
V
A–VB
F
EL
Lamp Size
1.5V
26mA
3.0V
32
µA
180V
PP
104Hz
1.6in2


Similar Part No. - MIC4827

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4827 MICREL-MIC4827 Datasheet
589Kb / 13P
   Low Input Voltage, 180VPP Output Voltage, EL Driver
MIC4827 MICREL-MIC4827 Datasheet
402Kb / 15P
   Low Input Voltage, 180VPP Output Voltage, EL Driver
MIC4827BMM MICREL-MIC4827BMM Datasheet
589Kb / 13P
   Low Input Voltage, 180VPP Output Voltage, EL Driver
MIC4827BMM MICREL-MIC4827BMM Datasheet
402Kb / 15P
   Low Input Voltage, 180VPP Output Voltage, EL Driver
MIC4827YMM MICREL-MIC4827YMM Datasheet
402Kb / 15P
   Low Input Voltage, 180VPP Output Voltage, EL Driver
More results

Similar Description - MIC4827

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4827 MICREL-MIC4827_05 Datasheet
589Kb / 13P
   Low Input Voltage, 180VPP Output Voltage, EL Driver
MIC4827 MICREL-MIC4827_09 Datasheet
402Kb / 15P
   Low Input Voltage, 180VPP Output Voltage, EL Driver
MIC4826 MICREL-MIC4826 Datasheet
123Kb / 12P
   Low Input Voltage, 160VPP Output Voltage, EL Driver
MIC4826 MICREL-MIC4826_09 Datasheet
640Kb / 12P
   Low Input Voltage, 160VPP Output Voltage, EL Driver
MIC4830 MICREL-MIC4830_09 Datasheet
609Kb / 12P
   Low Noise 180VPP EL Driver
logo
Microchip Technology
MIC4826 MICROCHIP-MIC4826 Datasheet
2Mb / 22P
   Low Input Voltage, 160 VPP Output Voltage, EL Driver
09/14/21
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com