Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2291BD5 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2291BD5
Description  1.2A PWM Boost Regulator Photo Flash LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2291BD5 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2291BD5 Datasheet HTML 1Page - Micrel Semiconductor MIC2291BD5 Datasheet HTML 2Page - Micrel Semiconductor MIC2291BD5 Datasheet HTML 3Page - Micrel Semiconductor MIC2291BD5 Datasheet HTML 4Page - Micrel Semiconductor MIC2291BD5 Datasheet HTML 5Page - Micrel Semiconductor MIC2291BD5 Datasheet HTML 6Page - Micrel Semiconductor MIC2291BD5 Datasheet HTML 7Page - Micrel Semiconductor MIC2291BD5 Datasheet HTML 8Page - Micrel Semiconductor MIC2291BD5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MIC2291
Micrel
M9999-081104
2
August, 2004
Pin Description
Pin Number
Pin Number
TSOT-23-5
2mm
××××× 2mm MLF™ Pin Name
Pin Function
1
7
SW
Switch node (Output): Internal power BIPOLAR collector.
2
GND
Ground (Return): Ground.
3
6
FB
Feedback (Input): Output voltage sense node. Connect the cathode of the
LED to this pin. Connect current set resistor from this pin to ground.
4
3
EN
Enable (Input): Logic high (
≥1.5V) enables regulator. Logic low (≤0.4V) shuts
down regulator.
5
2
VIN
Supply (Input): Input Voltage.
1
OVP
Overvoltage protection (Input): Connect to the output to clamp the maximum
output voltage.
4
AGND
Analog ground. Internally connected to ground.
8
PGND
Power ground.
5
NC
No connect (no internal connection to die).
EP
GND
Ground (Return): Exposed backside pad.
Pin Configuration
FB GND
EN
VIN
SW
3
1
5
2
4
TSOT-23-5 (BD5)
OVP
VIN
EN
AGND
PGND
SW
FB
NC
1
2
3
4
8
7
6
5
EP
8-Pin MLF™ (BML)
(Top View)
Fused Lead Frame
Ordering Information
Marking
Overvoltage
Junction
Part Number
Code
Protection
Temp. Range
Package
Lead Finish
MIC2291BD5
SSAA
—–40
°C to 125°C
Thin SOT-23-5
Standard
MIC2291YD5
SSAA
—–40
°C to 125°C
Thin SOT-23-5
Pb-Free
MIC2291-15BML
STA
15V
–40
°C to 125°C 2mm × 2mm MLF™
Standard
MIC2291-15YML
STA
15V
–40
°C to 125°C 2mm × 2mm MLF™
Pb-Free
MIC2291-34BML
STC
34V
–40
°C to 125°C 2mm × 2mm MLF™
Standard
MIC2291-34YML
STC
34V
–40
°C to 125°C 2mm × 2mm MLF™
Pb-Free


Similar Part No. - MIC2291BD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2291BD5 MICREL-MIC2291BD5 Datasheet
709Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291BD5 MICREL-MIC2291BD5 Datasheet
710Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
More results

Similar Description - MIC2291BD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_11 Datasheet
710Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
   40V PWM Boost Regulator White LED Driver
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
   40V PWM Boost Regulator White LED Driver
logo
NXP Semiconductors
AN10712 PHILIPS-AN10712_15 Datasheet
219Kb / 14P
   Photo flash LED driver
Rev. 1-28 October 2011
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A Dual Flash LED Driver System
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
NXP Semiconductors
SSL3250A NXP-SSL3250A Datasheet
147Kb / 26P
   Photo flash dual LED driver
Rev. 03-30 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com