Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THC63LVDM83E Datasheet(PDF) 7 Page - THine Electronics, Inc.

Part # THC63LVDM83E
Description  SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDM83E Datasheet(HTML) 7 Page - THine Electronics, Inc.

Back Button THC63LVDM83E_15 Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDM83E_15 Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDM83E_15 Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDM83E_15 Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDM83E_15 Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDM83E_15 Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDM83E_15 Datasheet HTML 9Page - THine Electronics, Inc. THC63LVDM83E_15 Datasheet HTML 10Page - THine Electronics, Inc. THC63LVDM83E_15 Datasheet HTML 11Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
THC63LVDM83E_Rev.1.30_E
Copyright©2012 THine Electronics, Inc.
6
THine Electronics, Inc.
Electrical Characteristics
LV-CMOS/TTL DC Specifications
VCC = 3.0~3.6V, Ta= 0~+70ºC
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High Level Input Voltage
RS=VCC or GND
2.0
VCC
V
VIL
Low Level Input Voltage
RS=VCC or GND
GND
0.8
V
VDDQ
1
Small Swing Voltage
1.2
2.8
V
VREF
Input Reference Voltage
Small Swing (RS=VDDQ/2)
VDDQ/2
VSH
2
Small Swing High Level
Input Voltage
VREF= VDDQ/2
VDDQ/2
+100mV
V
VSL
2
Small Swing Low Level
Input Voltage
VREF= VDDQ/2
VDDQ/2
-100mV
V
IINC
Input Current
GND
≤ VIN ≤ VCC
±10
μA
*Typ values are at VCC=3.3V, Ta = +25ºC
Notes : 1 VDDQ voltage defines max voltage of small swing input. It is not an actual input voltage.
2 Small swing signal is applied to TA0-6, TB0-6, TC0-6, TD0-6 and CLKIN.
LVDS Transmitter DC Specifications
VCC = 3.0~3.6V, Ta= 0~+70ºC
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Normal swing
RS=VCC
250
350
450
mV
VOD
Differential Output Voltage
RL=100Ω
Reduced swing
RS=GND
120
200
300
mV
∆VOD
Change in VOD between
complementary output states
35
mV
VOC
Common Mode Voltage
1.125
1.25
1.375
V
∆VOC
Change in VOC between
complementary output states
RL=100Ω
35
mV
IOS
Output Short Circuit Current
VOUT=GND, RL=100Ω
-24
mA
IOZ
Output TRI-STATE Current
/PDWN=GND,
VOUT=GND to VCC
±10
μA
*Typ values are at VCC=3.3V, Ta = +25ºC


Similar Part No. - THC63LVDM83E_15

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVDM83E THINE-THC63LVDM83E Datasheet
333Kb / 13P
   SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
More results

Similar Description - THC63LVDM83E_15

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVDM83E THINE-THC63LVDM83E Datasheet
333Kb / 13P
   SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM87 THINE-THC63LVDM87_15 Datasheet
273Kb / 13P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVD827 THINE-THC63LVD827 Datasheet
345Kb / 19P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM87 THINE-THC63LVDM87 Datasheet
123Kb / 12P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC36LVD827-Q THINE-THC36LVD827-Q Datasheet
941Kb / 19P
   24Bit COLOR LVDS TRANSMITTER
THC63LVDM83D THINE-THC63LVDM83D_17 Datasheet
668Kb / 17P
   24bit COLOR LVDS TRANSMITTER
THC63LVDM83D THINE-THC63LVDM83D_16 Datasheet
2Mb / 18P
   24bit COLOR LVDS TRANSMITTER
THC63LVDM83D-Z THINE-THC63LVDM83D-Z Datasheet
1Mb / 17P
   24bit COLOR OPEN LDI(LVDS) TRANSMITTER
THC63LVDR84C THINE-THC63LVDR84C_16 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
THC63LVDF84B THINE-THC63LVDF84B_16 Datasheet
1Mb / 16P
   24bit COLOR LVDS RECEIVER (Falling Edge Clock)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com