Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THC7984 Datasheet(PDF) 6 Page - THine Electronics, Inc.

Part # THC7984
Description  10-bit 3-channel Video Signal Digitizer
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC7984 Datasheet(HTML) 6 Page - THine Electronics, Inc.

Back Button THC7984_15 Datasheet HTML 2Page - THine Electronics, Inc. THC7984_15 Datasheet HTML 3Page - THine Electronics, Inc. THC7984_15 Datasheet HTML 4Page - THine Electronics, Inc. THC7984_15 Datasheet HTML 5Page - THine Electronics, Inc. THC7984_15 Datasheet HTML 6Page - THine Electronics, Inc. THC7984_15 Datasheet HTML 7Page - THine Electronics, Inc. THC7984_15 Datasheet HTML 8Page - THine Electronics, Inc. THC7984_15 Datasheet HTML 9Page - THine Electronics, Inc. THC7984_15 Datasheet HTML 10Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
THC7984_Rev.2.0_E
5 / 45
THine Electronics, Inc.
Copyright©2013 THine Electronics, Inc.
Functional Description
Digital Input
- All digital inputs are 5V tolerant during power-on.
Analog Input
- The THC7984 has two ports that each include three analog inputs for RGB or YPbPr. The input port can be selected by
register.
- In case input signals are YPbPr, Y may be input into GAIN0 (or GAIN1) and SOGIN0 (or SOGIN1) , Pr into RAIN0
(or RAIN1) , and Pb into BAIN0 (or BAIN1) .
- The THC7984 accommodates analog signals ranging from 0.5 Vpp to 1.0 Vpp.
Video Filter (LPF)
The THC7984 has 2 kinds of low-pass filters.
- 5th-order LPF for YPbPr, whose bandwidth is adjustable from 6 MHz to 92 MHz in 24 steps.
- 2nd-order LPF for RGB, whose bandwidth is adjustable in 4 steps (40 MHz, 90 MHz, 170 MHz, and 310 MHz) .
Serial Interface
- The THC7984 is controlled by 2-wire serial interface.
- Serial clock SCL supports up to 100 kHz.
Sync Input
- The THC7984 has two ports that each include two digital inputs for the separate sync (HSYNC and VSYNC) . The
input port can be selected by register.
- The THC7984 can process composite sync (CSYNC) . CSYNC may be input into HSYNC0 or HSYNC1.
Digital Output
- The digital outputs can operate from 2.5 V to 3.3 V (VDD) .
- The output drive strength is programmable by 2-bit registers (except SDA) .
Clamp
- Pedestal clamp for RGB and Y (luminance) clamps black level to 0 with automatic offset cancel.
- Midscale clamp for PbPr clamps to 512 with automatic offset cancel.
- 256-level clamp for Y (luminance) clamps to 256 with automatic offset cancel. It can be used for A/D conversion of Y
including sync signal. In this case, input signal needs to be attenuated to put it within the input rang of A/D converter.
- Clamp pulses can be input from CLAMP pin when external clamp is selected.
Gain, Offset
- Gain is programmable by 11-bit registers (2048 steps) .
- Offset from -256 to +255 can be added to the output code.
- Gain and offset can be adjusted independently.
Reference Voltage
- The THC7984 has Band Gap Reference inside and doesn’t require external voltage reference.
- The internal reference voltages (REFHI, REFCM, and REFLO) must be bypassed to stabilize. Each pin (REFHI,
REFCM, and REFLO) is connected to ground through a 10
μF capacitor.


Similar Part No. - THC7984_15

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC7984 THINE-THC7984 Datasheet
148Kb / 9P
   10-bit 3-channel Video Signal Digitizer
More results

Similar Description - THC7984_15

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC7984 THINE-THC7984 Datasheet
148Kb / 9P
   10-bit 3-channel Video Signal Digitizer
logo
Fairchild Semiconductor
TMC2072 FAIRCHILD-TMC2072 Datasheet
160Kb / 21P
   Genlocking Video Digitizer
TMC22071A FAIRCHILD-TMC22071A Datasheet
125Kb / 24P
   Genlocking Video Digitizer
logo
Cadeka Microcircuits LL...
TMC22071A CADEKA-TMC22071A Datasheet
229Kb / 24P
   Genlocking Video Digitizer
logo
Analog Devices
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
logo
Sanyo Semicon Device
LC89080 SANYO-LC89080 Datasheet
107Kb / 8P
   Video Signal 3-Channel 8-Bit D/A Converter
logo
Texas Instruments
TVP70025I TI-TVP70025I Datasheet
677Kb / 55P
[Old version datasheet]   TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
logo
Analog Devices
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com