Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA83563BLK Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # MGA83563BLK
Description  22 dBm PSAT 3V Power Amplifier for 0.5-6 GHz Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA83563BLK Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button MGA83563BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA83563BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA83563BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA83563BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) MGA83563BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard) MGA83563BLK Datasheet HTML 11Page - Agilent(Hewlett-Packard) MGA83563BLK Datasheet HTML 12Page - Agilent(Hewlett-Packard) MGA83563BLK Datasheet HTML 13Page - Agilent(Hewlett-Packard) MGA83563BLK Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Thermal Considerations
The DC power dissipation of the
MGA-83563, which can be on the
order of 0.5 watt, is approaching
the thermal limits of subminiature
packaging such as the SOT-363.
As a result, particular care should
be taken to adequately heatsink
the MGA-83563.
The primary heat path from the
MMIC chip to the system heatsink
is by means of conduction
through the package leads and
ground vias to the groundplane
on the backside of the PCB. As
previously mentioned in the
“PCB Layout” section, the use of
multiple vias near all of the
ground pins is desirable for low
inductance. The use of multiple
vias is also an especially impor-
tant part of the heatsinking
function.
For heatsinking purposes, a
thinner PCB with more vias,
thicker clad metal, and heavier
plating in the vias all result in
lower thermal resistance and
better heat conduction. Circuit
boards thicker than 0.031 inches
are not recommended for both
thermal and electrical reasons.
The importance of good thermal
design on reliability is discussed
in the next section.
Thermal Design for
Reliability
Good thermal design is an
important consideration in the
reliable use of medium power
devices such as the MGA-83563
because the Mean Time To
Failure (MTTF) of semiconductor
devices is inversely proportional
to the operating temperature.
The following examples show the
thermal prerequisites for using
the MGA-83563 reliably in both
saturated and linear modes.
Saturated Mode Thermal
Example
Less heat is dissipated in the
MGA-83563 when operated in the
saturated mode because a
significant amount of power is
removed from the RFIC as RF
signal power. It is for this reason
that the saturated mode allows
the device to be used reliably at
higher circuit board temperatures
than for full power, linear
applications.
As an illustration of a thermal/
reliability calculation, consider
the case of an MGA-83563 biased
at 3.0 volts for use in a saturated
mode application with a MTTF
reliability goal of 106 hours
(114 years). Reliability calcula-
tions will first be presented for
nominal
conditions, followed by
the conservative approach of
using worst-case conditions.
The first step is to calculate the
power dissipated by the
MGA-86353 as heat. Power flow
for the MGA-83563 is represented
in Figure 22.
Σ Pn = 0
PDC
Pin
Pout
Pdiss
HEAT
Figure 22. Thermal Representation
of MGA-83563.
From Figure 22,
Pin + PDC = Pout + Pdiss
where Pin and Pout are the RF
input and output power, PDC is
the DC input power, and Pdiss is
the power dissipated as heat. For
the saturated mode, Pout = Psat ,
and,
Pdiss = Pin + PDC – Psat
From the table of Electrical
Specifications, the device current
(typical) is 152 mA with a power
supply voltage of 3 volts. Refer-
ring to Figure 10, it can be seen
that the current will decrease
approximately 8% at elevated
temperatures. The device DC
power consumption is then:
PDC = 3.0 volts * 152 mA * 0.92
PDC = 420 mW
For a saturated amplifier, the RF
input power level is +4 dBm
(2.51 mW) and the saturated
output power is +22 dBm
(158 mW).
The power dissipated as heat is
then:
Pdiss = 2.51 + 420 – 158 mW
Pdiss = 264 mW
The channel-to-case thermal
resistance (
θ
ch-c) from the table
of Absolute Maximum Ratings is
175
°C/watt. Note that the mean-
ing of “case” for packages such as
the SOT-363 is defined as the
interface between the package
pins and the mounting surface,
i.e., at the PCB pads. The tem-
perature rise from the mounting
surface to the MMIC channel is
then calculated as
0.264 watt * 175
°C/watt, or 46°C.


Similar Part No. - MGA83563BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA81563 HP-MGA81563 Datasheet
135Kb / 12P
   0.1- 6 GHz 3 V, 14 dBm Amplifier
MGA82563 HP-MGA82563 Datasheet
137Kb / 12P
   0.1-6 GHz 3V, 17 dBm Amplifier
MGA86576 HP-MGA86576 Datasheet
75Kb / 6P
   1.5 - 8 GHz Low Noise GaAs MMIC Amplifier
MGA87563 HP-MGA87563 Datasheet
119Kb / 8P
   0.5 - 4 GHz 3 V Low Current GaAs MMIC LNA
More results

Similar Description - MGA83563BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-83563-TR1G AVAGO-MGA-83563-TR1G Datasheet
325Kb / 22P
   22 dBm PSAT 3V Power Amplifier for 0.5??6 GHz Applications
logo
Agilent(Hewlett-Packard...
MGA-82563 HP-MGA-82563 Datasheet
137Kb / 12P
   0.1-6 GHz 3V, 17 dBm Amplifier
logo
Transcom, Inc.
TA005-025-14-19 TRANSCOM-TA005-025-14-19 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 19 dBm Amplifier
TA005-025-25-20 TRANSCOM-TA005-025-25-20 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 20 dBm Amplifier
TA005-025-10-24 TRANSCOM-TA005-025-10-24 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 24 dBm Amplifier
TA005-025-23-24 TRANSCOM-TA005-025-23-24 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 24 dBm Amplifier
logo
Analog Devices
HMC7885 AD-HMC7885 Datasheet
304Kb / 11P
   2 GHz to 6 GHz, 45 dBm Power Amplifier
logo
Broadcom Corporation.
DEMO-MGA-565P8 BOARDCOM-DEMO-MGA-565P8 Datasheet
312Kb / 12P
   20 dBm Psat High Isolation Buffer Amplifier
logo
Transcom, Inc.
TA060-180-30-28 TRANSCOM-TA060-180-30-28 Datasheet
31Kb / 1P
   6 - 18 GHz 28 dBm Amplifier
TA020-060-36-34 TRANSCOM-TA020-060-36-34 Datasheet
18Kb / 1P
   2 - 6 GHz 33 dBm Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com