Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA83563BLK Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # MGA83563BLK
Description  22 dBm PSAT 3V Power Amplifier for 0.5-6 GHz Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA83563BLK Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button MGA83563BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) MGA83563BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) MGA83563BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) MGA83563BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA83563BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA83563BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA83563BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) MGA83563BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard) MGA83563BLK Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
MGA-83563 Applications
Information
The MGA-83563 is two-stage,
medium power GaAs RFIC
amplifier designed to be used for
driver and output stages in
transmitter applications operating
within the 500 MHz to 6 GHz
frequency range.
This device is designed for
operation in the saturated mode
where it delivers a typical output
power of +22 dBm (158 mW) with
a power-added efficiency of 37%.
The MGA-83563 has a large signal
gain of 18 dB requiring an input
signal level of only +4 dBm to
drive it well into saturation. The
high output power and high
efficiency of the MGA-83563,
combined with +3-volt operation
and subminiature packaging,
make this device especially useful
for battery-powered, personal
communication applications such
as wireless data, cellular phones,
and PCS.
The upper end of the frequency
range of the MGA-83563 extends
to 6 GHz making it a useful
solution for medium power
amplifiers in wireless communi-
cations products such as 5.7 GHz
spread spectrum or other ISM/
license-free band applications.
Internal capacitors on the RFIC
chip limit the low-end frequency
response to applications above
approximately 500 MHz.
The thermal limitations of the
subminiature SOT-363 (SC-70)
package generally restrict the use
of the MGA-83563 to applications
that use constant envelope types
of modulation. These types of
systems are able to take full
advantage of the MGA-83563’s
high efficiency, saturated mode of
operation. The use of the
MGA-83563 for linear applications
at reduced power levels is
discussed in the “Thermal Design
for Reliability” and “Use of the
MGA-83563 for Linear Applica-
tions” in this applications note.
Application Guidelines
The use of the MGA-83563 is very
straightforward. The on-chip,
partial RF impedance matching
and integrated bias control circuit
simplify the task of using this
device.
The design steps consist of (1)
selecting an interstage inductor
from the data provided, (2)
adding provision for bringing in
the DC bias, and (3) designing
and optimizing an output imped-
ance match for the particular
frequency band of interest. The
input is already well matched to
50 ohms for most frequencies and
in many cases no additional input
matching will be necessary.
Each of the three design steps for
using the MGA-83563 will now be
discussed in greater detail.
Step 1 — Selecting the
Interstage Inductor
The drain of the first stage FET of
this two-stage RFIC amplifier is
connected to package Pin 1. The
supply voltage Vd is connected to
this drain through an inductor,
L2, as shown in Figure 18. The
supply end of the inductor is
bypassed to ground.
This interstage inductor serves
the purpose of completing the
impedance match between the
first and second stages. The value
of inductor L2 depends on the
particular frequency for which
the MGA-83563 is to be used and
is chosen from the look-up graph
in Figure 19.
RF
Input
RF
Input
RFC
Vd
3
L2
1
6
Figure 18. Interstage Inductor L2 and
Bias Current.
The values for inductor L2 are
somewhat dependent on the
specific printed circuit board
material, thickness, and RF layout
that are used. The inductor values
shown in Figure 19 have been
created for the PCB and RF
layout that is used for the circuit
examples presented in this
application note. The methodol-
ogy that was used to determine
the optimum values for L2 and for
creating Figure 19 is presented in
the Appendix. If the user’s PCB
and/or layout differ significantly
from the example circuits, refer
to the Appendix for a description
of how to determine the values of
L2 for any arbitrary frequency,
PCB material, or RF layout.
Step 2 — Bias Connections
The MGA-83563 is a voltage-
biased device and operates from
a single, positive power supply.
The supply voltage, typically
+3-volts, must be applied to the
drains of both stages of the RFIC
amplifier. The connection to the
first stage drain is made through
the interstage inductor, L2, as
described in the previous step.
The supply voltage is applied to
the second stage drain through
Pin 6, which is also the RF Output
connection. Referring to
Figure 18, an inductor (RFC) is
used to separate the RF output
signal from the DC supply. The


Similar Part No. - MGA83563BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA81563 HP-MGA81563 Datasheet
135Kb / 12P
   0.1- 6 GHz 3 V, 14 dBm Amplifier
MGA82563 HP-MGA82563 Datasheet
137Kb / 12P
   0.1-6 GHz 3V, 17 dBm Amplifier
MGA86576 HP-MGA86576 Datasheet
75Kb / 6P
   1.5 - 8 GHz Low Noise GaAs MMIC Amplifier
MGA87563 HP-MGA87563 Datasheet
119Kb / 8P
   0.5 - 4 GHz 3 V Low Current GaAs MMIC LNA
More results

Similar Description - MGA83563BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-83563-TR1G AVAGO-MGA-83563-TR1G Datasheet
325Kb / 22P
   22 dBm PSAT 3V Power Amplifier for 0.5??6 GHz Applications
logo
Agilent(Hewlett-Packard...
MGA-82563 HP-MGA-82563 Datasheet
137Kb / 12P
   0.1-6 GHz 3V, 17 dBm Amplifier
logo
Transcom, Inc.
TA005-025-14-19 TRANSCOM-TA005-025-14-19 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 19 dBm Amplifier
TA005-025-25-20 TRANSCOM-TA005-025-25-20 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 20 dBm Amplifier
TA005-025-10-24 TRANSCOM-TA005-025-10-24 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 24 dBm Amplifier
TA005-025-23-24 TRANSCOM-TA005-025-23-24 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 24 dBm Amplifier
logo
Analog Devices
HMC7885 AD-HMC7885 Datasheet
304Kb / 11P
   2 GHz to 6 GHz, 45 dBm Power Amplifier
logo
Broadcom Corporation.
DEMO-MGA-565P8 BOARDCOM-DEMO-MGA-565P8 Datasheet
312Kb / 12P
   20 dBm Psat High Isolation Buffer Amplifier
logo
Transcom, Inc.
TA060-180-30-28 TRANSCOM-TA060-180-30-28 Datasheet
31Kb / 1P
   6 - 18 GHz 28 dBm Amplifier
TA020-060-36-34 TRANSCOM-TA020-060-36-34 Datasheet
18Kb / 1P
   2 - 6 GHz 33 dBm Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com