Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-24106 Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # MGA-24106
Description  High-Gain, Low Current Low Noise Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-24106 Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button MGA-24106 Datasheet HTML 3Page - Broadcom Corporation. MGA-24106 Datasheet HTML 4Page - Broadcom Corporation. MGA-24106 Datasheet HTML 5Page - Broadcom Corporation. MGA-24106 Datasheet HTML 6Page - Broadcom Corporation. MGA-24106 Datasheet HTML 7Page - Broadcom Corporation. MGA-24106 Datasheet HTML 8Page - Broadcom Corporation. MGA-24106 Datasheet HTML 9Page - Broadcom Corporation. MGA-24106 Datasheet HTML 10Page - Broadcom Corporation. MGA-24106 Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
15.0
16.0
17.0
18.0
19.0
20.0
21.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Idd (mA)
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
Idd (mA)
Vdd=3.3V
Vdd=2.7V
Vdd=1.8V
-17.0
-16.0
-15.0
-14.0
-13.0
-12.0
-11.0
-10.0
-9.0
-8.0
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
Vdd (V)
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
Vdd (V)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
3mA
5mA
6mA
7mA
4mA
3mA
5mA
6mA
7mA
4mA
25°C
-40°C
85°C
Vdd=3.3V
Vdd=2.7V
Vdd=1.8V
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Idd (mA)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Idd (mA)
25°C
-40°C
85°C
Figure 9. Gain vs Idd
Figure 10. IIP3 vs Idd
Figure 11. IP1dB vs Vdd
Figure 12. IIP3 vs Vdd
Figure 13. NF vs Idd over temperature at Vdd=1.8V
Figure 14. NF vs Idd over temperature at Vdd=2.7V


Similar Part No. - MGA-24106

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-24106 AVAGO-MGA-24106 Datasheet
975Kb / 19P
   High-Gain, Low Current Low Noise Amplifier with Variable Current and Shutdown Function
MGA-24106-BLKG AVAGO-MGA-24106-BLKG Datasheet
975Kb / 19P
   High-Gain, Low Current Low Noise Amplifier with Variable Current and Shutdown Function
MGA-24106-TR1G AVAGO-MGA-24106-TR1G Datasheet
975Kb / 19P
   High-Gain, Low Current Low Noise Amplifier with Variable Current and Shutdown Function
MGA-24106-TR2G AVAGO-MGA-24106-TR2G Datasheet
975Kb / 19P
   High-Gain, Low Current Low Noise Amplifier with Variable Current and Shutdown Function
More results

Similar Description - MGA-24106

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-24106 BOARDCOM-DEMO-MGA-24106 Datasheet
975Kb / 19P
   High-Gain, Low Current Low Noise Amplifier
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
   High Gain, Low Noise Amplifier
May 2012
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
   High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
   High Gain, Low Noise Amplifier
April 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
   High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
   High Gain, Low Noise Amplifier
February 2017
ASL51S9 ASB-ASL51S9 Datasheet
426Kb / 8P
   High Gain, Low Noise Amplifier
June 2014
AST163 ASB-AST163_17 Datasheet
679Kb / 9P
   High Gain, Low Noise Amplifier
February 2017
AST20S ASB-AST20S_17 Datasheet
3Mb / 41P
   High Gain, Low Noise Amplifier
February 2017
ASL5463 ASB-ASL5463_17 Datasheet
522Kb / 12P
   High Gain, Low Noise Amplifier
August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com