Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60S15R-010N1 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 60S15R-010N1
Description  7/16 TERMINATION PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

60S15R-010N1 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  60S15R-010N1 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 60S15R-010N1 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
7/16
TERMINATION PLUG
60S15R-010N1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 60169-4, VG 95250, EN 122190, DIN 47223
Documents
N/A
Material and plating
Connector parts
Material
Plating
Center contact
Brass
Silver, 3-6 µm
Outer contact
Brass
Flash white bronze over silver(e.g. Optargen®)
Body
Al
black anodised
Coupling nut
Brass
Flash white bronze over silver(e.g. Optargen®)
Dielectric
PPE
Substrate
ALN


Similar Part No. - 60S15R-010N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60S15R-002N1 ROSENBERGER-60S15R-002N1 Datasheet
128Kb / 2P
   Termination
60S15R-005N1 ROSENBERGER-60S15R-005N1 Datasheet
156Kb / 2P
   7/16 TERMINATION PLUG
60S15R-020N1 ROSENBERGER-60S15R-020N1 Datasheet
165Kb / 2P
   7/16 TERMINATION PLUG
More results

Similar Description - 60S15R-010N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60S17R-010N1 ROSENBERGER-60S17R-010N1 Datasheet
164Kb / 2P
   7/16 TERMINATION PLUG
60S15R-005N1 ROSENBERGER-60S15R-005N1 Datasheet
156Kb / 2P
   7/16 TERMINATION PLUG
60S15R-020N1 ROSENBERGER-60S15R-020N1 Datasheet
165Kb / 2P
   7/16 TERMINATION PLUG
60S17R-020N1 ROSENBERGER-60S17R-020N1 Datasheet
165Kb / 2P
   7/16 TERMINATION PLUG
60K17R-020N1 ROSENBERGER-60K17R-020N1 Datasheet
200Kb / 2P
   7/16 TERMINATION JACK
60K15R-005N1 ROSENBERGER-60K15R-005N1 Datasheet
150Kb / 2P
   7/16 TERMINATION JACK
60K17R-010N1 ROSENBERGER-60K17R-010N1 Datasheet
155Kb / 2P
   7/16 TERMINATION JACK
60K15R-020N1 ROSENBERGER-60K15R-020N1 Datasheet
149Kb / 2P
   7/16 TERMINATION JACK
logo
Pasternack Enterprises,...
PE6146 PASTERNACK-PE6146 Datasheet
76Kb / 1P
   7/16 MALE RESISTOR TERMINATION
logo
Winchester Electronics ...
3155-6-101 WINCHESTER-3155-6-101 Datasheet
58Kb / 1P
   7-16 PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com