Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PISA11.CLASS2 Datasheet(PDF) 2 Page - PULS GmbH

Part # PISA11.CLASS2
Description  PROTECTION MODULE 24V, 4 OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11.CLASS2 Datasheet(HTML) 2 Page - PULS GmbH

  PISA11.CLASS2 Datasheet HTML 1Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 2Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 3Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 4Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 5Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 6Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 7Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 8Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PISA11.CLASS2
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
INDEX
Page
Page
1.
Intended Use .......................................................3
2.
Product Description.............................................3
3.
Installation Requirements...................................3
4.
Input ....................................................................5
5.
Outputs ................................................................5
6.
Current Limitation and Shutdown Behavior......6
7.
Connecting Capacitive Loads to the Outputs ....8
8.
Output-OK Relay Contact ...................................9
9.
ON/OFF and Reset Signal Input ..........................9
10. Synchronization of Multiple PISA Modules .......9
11. Functional Diagram...........................................10
12. Back-feeding Loads ...........................................10
13. Power Losses......................................................11
14. Reliability .......................................................... 11
15. Front Side and User Elements .......................... 12
16. Terminals and Wiring....................................... 13
17. EMC ................................................................... 14
18. Environment ..................................................... 15
19. Protection Features .......................................... 16
20. Dielectric Strength............................................ 16
21. Approvals .......................................................... 17
22. Read-out of the Software Revision Level ........ 18
23. Physical Dimensions and Weight ..................... 19
24. Accessory........................................................... 19
24.1. ZM3.WALL Wall Mounting Bracket .......19
The information presented in this document is believed to be accurate and reliable and may change without notice.
The housing is patent by PULS (US patent No US D442,923S).
No part of this document may be reproduced or utilized in any form without permission in writing from the publisher
(PULS GmbH). This also applies to all kinds of electronic publishing.
TERMINOLOGY AND ABREVIATIONS
DC 24V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances (usually ±15%) included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
24Vdc
A figure with the unit (Vdc) at the end is a momentary figure without any additional
tolerances included.
May 2014 / Rev. 1.7 DS-PISA11.CLASS2 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
2/19


Similar Part No. - PISA11.CLASS2

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
PISA11 PULS-PISA11 Datasheet
719Kb / 23P
   PROTECTION MODULE 24V, 4 OUTPUTS
More results

Similar Description - PISA11.CLASS2

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
PISA11 PULS-PISA11 Datasheet
719Kb / 23P
   PROTECTION MODULE 24V, 4 OUTPUTS
logo
Schneider Electric
XPSUAT13A3AC SCHNEIDER-XPSUAT13A3AC Datasheet
220Kb / 6P
   Safety module, Harmony Safety Automation, Cat.4, features XPSUAK delayed outputs, 24v AC/DC, spring
Jan 13, 2022
XPSUAT13A3AP SCHNEIDER-XPSUAT13A3AP Datasheet
221Kb / 6P
   Safety module, Harmony Safety Automation, Cat.4, features XPSUAK delayed outputs, 24v AC/DC, screw
Jan 12, 2022
logo
NHP Electrical Engineer...
5069-OBV8S NHP-5069-OBV8S Datasheet
529Kb / 1P
   COMPACT 5000 SAFETY I/O 8 BIPOLAR OUTPUTS 24V DC MODULE
8 June 2023,
logo
Semtech Corporation
RCLAMP2451ZA SEMTECH-RCLAMP2451ZA_17 Datasheet
440Kb / 8P
   1-Line, 24V ESD Protection
logo
Taiwan Semiconductor Co...
TESD24VS2BT TSC-TESD24VS2BT Datasheet
189Kb / 5P
   200W, 24V ESD Protection Array
logo
PULS GmbH
UZK24.071 PULS-UZK24.071 Datasheet
386Kb / 9P
   BATTERY MODULE 24V, 7AH
UZK24.121 PULS-UZK24.121_17 Datasheet
376Kb / 11P
   BATTERY MODULE 24V, 12AH
UZK24.071 PULS-UZK24.071_17 Datasheet
370Kb / 11P
   BATTERY MODULE 24V, 7AH
logo
Schneider Electric
BMXDDO6402KC SCHNEIDER-BMXDDO6402KC Datasheet
301Kb / 5P
   discrete output module X80 - 64 outputs - solid state - 24V DC positive - severe
Apr 18, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com