Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS20.241-C1 Datasheet(PDF) 11 Page - PULS GmbH

Part # QS20.241-C1
Description  24V, 20A, SINGLE PHASE INPUT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS20.241-C1 Datasheet(HTML) 11 Page - PULS GmbH

Back Button QS20.241-C1 Datasheet HTML 7Page - PULS GmbH QS20.241-C1 Datasheet HTML 8Page - PULS GmbH QS20.241-C1 Datasheet HTML 9Page - PULS GmbH QS20.241-C1 Datasheet HTML 10Page - PULS GmbH QS20.241-C1 Datasheet HTML 11Page - PULS GmbH QS20.241-C1 Datasheet HTML 12Page - PULS GmbH QS20.241-C1 Datasheet HTML 13Page - PULS GmbH QS20.241-C1 Datasheet HTML 14Page - PULS GmbH QS20.241-C1 Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
QS20.241, QS20.241-A1, QS20.241-C1
Q-Series
24V, 20A, SINGLE PHASE INPUT
12. TERMINALS AND WIRING
Bi-stable, quick-connect spring clamp terminals. Shipped in open position.
- IP20 Finger safe construction.
- Suitable for field- and factory installation.
Input
Output
DC-OK-Signal
Type
spring-clamp terminals
spring-clamp terminals
spring-clamp terminals
Solid wire
0.5-6mm2
0.5-6mm2
0.3-4mm2
Stranded wire
0.5-4mm2
0.5-4mm2
0.3-2.5mm2
American Wire Gauge
20-10 AWG
20-10 AWG
26-12 AWG
Wire stripping length
10mm / 0.4inch
10mm / 0.4inch
6mm / 0.25inch
Max. wire diameter
(including ferrules)
2.8mm
2.8mm
2.25mm
Fig. 12-1
Connecting a wire
Instructions:
a) Use appropriate copper cables that are designed for minimum
operating temperatures of:
60°C for ambient up to 45°C and
75°C for ambient up to 60°C minimum
90°C for ambient up to 70°C minimum.
b)Follow national installation codes and installation regulations!
c) Ensure that all strands of a stranded wire enter the terminal
connection!
d)Do not use the unit without PE connection.
e) Unused terminal compartments should be securely tightened.
f) Ferrules are allowed.
1. Insert the wire
2. Close the lever
To disconnect wire:
reverse the procedure
Daisy Chaining of Outputs:
Daisy chaining (jumping from one power supply output to the next) is allowed as long as the average output current
through one terminal pin does not exceed 25A. If the current is higher, use a separate distribution terminal block as
shown in Fig. 12-3.
Fig. 12-2 Daisy chaining of outputs
Fig. 12-3 Using distribution terminals
Power
Supply
+ +
- -
Input
Output
Load
+
-
max 25A!
Power
Supply
+ +
- -
Input
Output
Load
+
-
Distribution
Terminals
Power
Supply
+ +
- -
Input
Output
Power
Supply
+ +
- -
Input
Output
Oct. 2013 / Rev. 2.2 DS-QS20.241-EN
All parameters are specified at 24V, 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
11/26


Similar Part No. - QS20.241-C1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS20.244 PULS-QS20.244 Datasheet
754Kb / 25P
   24V, 20A, SINGLE PHASE INPUT
More results

Similar Description - QS20.241-C1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP20.241-R1 PULS-CP20.241-R1 Datasheet
827Kb / 30P
   24V, 20A, SINGLE PHASE INPUT
PIC480.241C PULS-PIC480.241C Datasheet
555Kb / 21P
   24V, 20A, SINGLE PHASE INPUT
QS20.244 PULS-QS20.244 Datasheet
754Kb / 25P
   24V, 20A, SINGLE PHASE INPUT
CP20.241 PULS-CP20.241 Datasheet
967Kb / 27P
   24V, 20A, SINGLE PHASE INPUT
CP20.241 PULS-CP20.241_18 Datasheet
1Mb / 32P
   24V, 20A, 480W, SINGLE PHASE
CP20.241-R1 PULS-CP20.241-R1_18 Datasheet
840Kb / 33P
   24V, 20A, 480W, SINGLE PHASE
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
   24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
   24V, 10A, SINGLE PHASE INPUT
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com