Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33887DHR2 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC33887DHR2
Description  5.0 A H-Bridge with Load Current Feedback
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33887DHR2 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC33887DHR2 Datasheet HTML 7Page - Motorola, Inc MC33887DHR2 Datasheet HTML 8Page - Motorola, Inc MC33887DHR2 Datasheet HTML 9Page - Motorola, Inc MC33887DHR2 Datasheet HTML 10Page - Motorola, Inc MC33887DHR2 Datasheet HTML 11Page - Motorola, Inc MC33887DHR2 Datasheet HTML 12Page - Motorola, Inc MC33887DHR2 Datasheet HTML 13Page - Motorola, Inc MC33887DHR2 Datasheet HTML 14Page - Motorola, Inc MC33887DHR2 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33887
11
Timing Diagrams
Figure 2. Output Delay Time
Figure 3. Disable Delay Time
Figure 4. Output Switching Time
Figure 5. Active Current Limiting Versus Temperature (Typical)
TIME
0
5.0
0
VPWR
td(ON)
50%
90%
50%
10%
td(OFF)
∞Ω
0 V
5.0 V
0
tr
0
VPWR
90%
10%
10%
90%
tf
6.6
2.5
160
175
Thermal Shutdown
TJ, JUNCTION TEMPERATURE (
oC)
6.5
4.0
Operation within this region must be
150
limited to nonrepetitive events
not to exceed 30 seconds
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33887DHR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33887DHR2 FREESCALE-MC33887DHR2 Datasheet
856Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
MC33887DHR2 FREESCALE-MC33887DHR2 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
More results

Similar Description - MC33887DHR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33887 FREESCALE-33887 Datasheet
856Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_11 Datasheet
902Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com